전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWM-T81M7F16 데이터시트(PDF) 3 Page - JDS Uniphase Corporation

부품명 FWM-T81M7F16
상세설명  Multi-Channel CWDM Mux/Demux 20 nm Spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JDSU [JDS Uniphase Corporation]
홈페이지  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWM-T81M7F16 데이터시트(HTML) 3 Page - JDS Uniphase Corporation

  FWM-T81M7F16 Datasheet HTML 1Page - JDS Uniphase Corporation FWM-T81M7F16 Datasheet HTML 2Page - JDS Uniphase Corporation FWM-T81M7F16 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10143040 Rev. 003 02/06 CWDMMUXDEMUX.DS.CMS.AE
MULTI-CHANNEL CWDM MUX/DEMUX 20 NM SPACING
Sample: FWM-T80D7F094
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
FWM-T
Code
Connector Type
0None
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
6
LC/UPC
7
LC/APC
1. Default for 8 channel.
Code
Number of Channels
4
4 channels
8
8 channels
Code
Channel Plan
0
ITU channels
1
ITU+1 channels
Code
Device Type
DDemux
MMux
Code
Channels
7
Starts at 147x1
9
Starts at 149x
1
Starts at 151x
3
Starts at 153x
5
Starts at 155x
Code
Package
F09
Flat box, 900
µm fiber
F16
Flat box, 1.6 mm fiber
F20
Flat box, 2.0 mm fiber
F30
Flat box, 3.0 mm fiber
LGX
LGX cassette


유사한 부품 번호 - FWM-T81M7F16

제조업체부품명데이터시트상세설명
logo
JDS Uniphase Corporatio...
FWM-4D33SCSB2 JDSU-FWM-4D33SCSB2 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SCSB4 JDSU-FWM-4D33SCSB4 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SCSB8 JDSU-FWM-4D33SCSB8 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SLGB2 JDSU-FWM-4D33SLGB2 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
FWM-4D33SLGB4 JDSU-FWM-4D33SLGB4 Datasheet
130Kb / 3P
   Band Multi-Channel Modules
More results

유사한 설명 - FWM-T81M7F16

제조업체부품명데이터시트상세설명
logo
JDS Uniphase Corporatio...
MDX-08MXC001A JDSU-MDX-08MXC001A Datasheet
131Kb / 3P
   8 Channel CWDM Multiplexer/Demultiplexer (Mux/Demux)
logo
MRV Communications, Inc...
MRV-FD-PWDM MRV-MRV-FD-PWDM Datasheet
288Kb / 3P
   Passive CWDM MUX/DeMUX Modules
logo
Finisar Corporation.
M-DF-8-LC FINISAR-M-DF-8-LC Datasheet
126Kb / 2P
   CWDM MUX/DEMUX-8 Optibox??Module
logo
JDS Uniphase Corporatio...
DWM-2F4DS2720 JDSU-DWM-2F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 200 GHz Spacing
DWM-1F4DS2720 JDSU-DWM-1F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
logo
Finisar Corporation.
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
M-DF-4-EX-LC FINISAR-M-DF-4-EX-LC Datasheet
128Kb / 2P
   CWDM MUX/DEMUX-4-EX Optibox Module
M-DF-4-2-LC FINISAR-M-DF-4-2-LC Datasheet
120Kb / 2P
   CWDM MUX/DEMUX-4-2 Optibox Module
FWSF-M-D-8 FINISAR-FWSF-M-D-8 Datasheet
176Kb / 2P
   CWDM MUX/DEMUX-8 Plug-in Module
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
   CWDM MUX/DEMUX-4-EX Plug-in Module
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com