전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL4764A 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 DL4764A
상세설명  Surface Mount Zener Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DL4764A 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DL4764A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DL4764A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Zener Diode
DL47 Series
1W, MELF
Maximum Zener Impedance
Maximum Reverse
Leakage Current
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Nominal
Zener
Voltage
Vz at Izt*
Test
Current
IzT
ZzT at IzT
Zzk at IzK
IzK
IR
Test-Voltage
Suffix B
Surge
Current
IR
At Ta=25℃
Maximum
Regulator
Current
IzM
Type
Number
Volts
mA
mA
µA
Volts
mA
mA
DL4728A
3.3
76
10
400
1.0
100
1.0
1380
276
DL4729A
3.6
69
10
400
1.0
100
1.0
1260
252
DL4730A
3.9
64
9
400
1.0
50
1.0
1170
234
DL4731A
4.3
58
9
400
1.0
10
1.0
1085
217
DL4732A
4.7
53
8
500
1.0
10
1.0
965
193
DL4733A
5.1
49
7
550
1.0
10
1.0
890
178
DL4734A
5.6
45
5
600
1.0
10
2.0
810
162
DL4735A
6.2
41
2
700
1.0
10
3.0
730
146
DL4736A
6.8
37
3.5
700
0.5
10
4.0
660
133
DL4737A
7.5
34
4
700
0.5
10
5.0
605
121
DL4738A
8.2
31
4.5
700
0.5
10
6.0
550
110
DL4739A
9.1
28
5
700
0.25
10
7.0
500
100
DL4740A
10
25
7
700
0.25
10
7.6
454
91
DL4741A
11
23
8
700
0.25
5
8.4
414
83
DL4742A
12
21
9
700
0.25
5
9.1
380
76
DL4743A
13
19
10
700
0.25
5
9.9
344
69
DL4744A
15
17
14
700
0.25
5
11.4
304
61
DL4745A
16
15.5
16
700
0.25
5
12.2
285
57
DL4746A
18
14
20
750
0.25
5
13.7
250
50
DL4747A
20
12.5
22
750
0.25
5
15.2
225
45
DL4748A
22
11.5
23
750
0.25
5
16.7
205
41
DL4749A
24
10.5
25
750
0.25
5
18.2
190
38
DL4750A
27
9.5
35
750
0.25
5
20.6
170
34
DL4751A
30
8.5
40
1000
0.25
5
22.8
150
30
DL4752A
33
7.5
45
1000
0.25
5
25.1
135
27
DL4753A
36
7.0
50
1000
0.25
5
27.4
125
25
DL4754A
39
6.5
60
1000
0.25
5
29.7
115
23
DL4755A
43
6.0
70
1500
0.25
5
32.7
110
22
DL4756A
47
5.5
80
1500
0.25
5
35.8
95
19
DL4757A
51
5.0
95
1500
0.25
5
38.8
90
18
DL4758A
56
4.5
110
2000
0.25
5
42.6
80
16
DL4759A
62
4.0
125
2000
0.25
5
47.1
70
14
DL4760A
68
3.7
150
2000
0.25
5
51.7
65
13
DL4761A
75
3.3
175
2000
0.25
5
56.0
60
12
DL4762A
82
3
200
3000
0.25
5
62.2
55
11
DL4763A
91
2.8
250
3000
0.25
5
69.2
50
10
DL4764A
100
2.5
300
3000
0.25
5
76.0
45
9
Standard Voltage Tolerance is ± 5 %
Measured with Pulses Tp = 40m Sec.
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


유사한 부품 번호 - DL4764A

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
DL4764A RECTRON-DL4764A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Sangdest Microelectroni...
DL4764A SMC-DL4764A Datasheet
146Kb / 4P
   ZENER DIODES
logo
Formosa MS
DL4764A FORMOSA-DL4764A Datasheet
56Kb / 3P
   SURFACE MOUNT ZENER DIODES
logo
Zibo Seno Electronic En...
DL4764A ZSELEC-DL4764A Datasheet
157Kb / 3P
   1 .0 W ZENER DIODE
logo
Pan Jit International I...
DL4764A PANJIT-DL4764A Datasheet
62Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

유사한 설명 - DL4764A

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com