전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFP-4A5150 데이터시트(PDF) 3 Page - JDS Uniphase Corporation

부품명 FFP-4A5150
상세설명  Fused Coupler,Polarization Maintaining (PM)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JDSU [JDS Uniphase Corporation]
홈페이지  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFP-4A5150 데이터시트(HTML) 3 Page - JDS Uniphase Corporation

  FFP-4A5150 Datasheet HTML 1Page - JDS Uniphase Corporation FFP-4A5150 Datasheet HTML 2Page - JDS Uniphase Corporation FFP-4A5150 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
FUSED COUPLER, PM TAP
Code
Pigtail Length3
0
0.5 meter
11 meter
Code
Configuration
11x2
22x2
Sample: FFP-C53150A10 (C-band, 5% Tap, regular housing, 1x2, Channel Center = 1550 nm, A grade, 1 m pigtail, no connector)
Code
Passband
Wavelength
5
980nm
8
1060nm
4
1310
S
14xx
C
15xx
L
16xx
FFP-
Code
Coupling Ratio1
1
1/99
5
5/95
A
10/90
F
33/67
K
50/50
Code
Housing
3Regular
Ø 3x60 mm
5
Ø 0.9 mm fiber
Ø 3x76 mm
Code
Grade
AGrade A
BGrade B
Code
Channel Center2
Last two digits of center wavelength
For example,
45
xx45 nm
50
xx50 nm
Code
Connectors4
0NONE
P
FC-APC/PM
R
FC-PC/PM
1. Other coupling ratios available on request.
2. Channel center must be within the wavelength ranges shown in the specifications table.
3. Minimum pigtail length. Other pigtail lengths are available on request.
4. Optical specifications in specification table do not include connector loss. Other connectors available on request.
Product specifications and descriptions in this document subject to change without notice. © 2007 JDS Uniphase Corporation 10135720 Rev. 008 11/05 FFP.DS.CC.AE
March 2007


유사한 부품 번호 - FFP-4A5150

제조업체부품명데이터시트상세설명
logo
JDS Uniphase Corporatio...
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-5M3145E1 JDSU-FFP-5M3145E1 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-5M3145F0 JDSU-FFP-5M3145F0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-5M3145F1 JDSU-FFP-5M3145F1 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-5M3145G0 JDSU-FFP-5M3145G0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
More results

유사한 설명 - FFP-4A5150

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
86265 MOLEX-86265 Datasheet
144Kb / 2P
   PM (Polarization Maintaining) Fiber Assemblies
logo
OPLINK Communications I...
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC OPLINK-PMTC Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
logo
JDS Uniphase Corporatio...
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
logo
OPLINK Communications I...
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
logo
Lightel Technologies IN...
PMPC-0980-1-B-1 LIGHTEL-PMPC-0980-1-B-1 Datasheet
88Kb / 1P
   Polarization Maintaining Patch Cord
logo
OPLINK Communications I...
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com