전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U08A50 데이터시트(PDF) 2 Page - Mospec Semiconductor

부품명 U08A50
상세설명  FAST RECTIFIERS(8A,300-600V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

U08A50 데이터시트(HTML) 2 Page - Mospec Semiconductor

  U08A50 Datasheet HTML 1Page - Mospec Semiconductor U08A50 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


유사한 부품 번호 - U08A50

제조업체부품명데이터시트상세설명
logo
Chenmko Enterprise Co. ...
U08A50PT CHENMKO-U08A50PT Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIER
More results

유사한 설명 - U08A50

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
F08A30 MOSPEC-F08A30 Datasheet
130Kb / 2P
   FAST RECOVERY RECRIFIERS(8A,300-600V)
H08A30 MOSPEC-H08A30 Datasheet
137Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(8A,300-600V)
logo
Shindengen Electric Mfg...
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 8A)
D8L60 SHINDENGEN-D8L60 Datasheet
446Kb / 7P
   Super Fast Recovery Rectifiers(600V 8A)
logo
Mospec Semiconductor
U10A30 MOSPEC-U10A30 Datasheet
135Kb / 2P
   FAST RECTIFIERS(10A,300-600V)
U15A30 MOSPEC-U15A30 Datasheet
136Kb / 2P
   FAST RECTIFIERS(15A,300-600V)
logo
KODENSHI_AUK CORP.
SF8A600H KODENSHI-SF8A600H Datasheet
285Kb / 5P
   600V, 8A ULTRAFAST RECOVERY RECTIFIERS
SF8A600H-1 KODENSHI-SF8A600H-1 Datasheet
285Kb / 5P
   600V, 8A ULTRAFAST RECOVERY RECTIFIERS
logo
NTE Electronics
NTE598 NTE-NTE598 Datasheet
18Kb / 2P
   Silicon Rectifier Ultra Fast, 600V, 8A
logo
Mospec Semiconductor
U06C30 MOSPEC-U06C30 Datasheet
141Kb / 2P
   POWER RECTIFIERS(6.0A,300-600V)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com