전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM78L10 데이터시트(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

부품명 SM78L10
상세설명  Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM78L10 데이터시트(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SM78L10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM78L10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM78L10 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM78L10 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SM78L10 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Elektronische Bauelemente
SM78Lxx
Positive Voltage Regulator
01-June-2002 Rev. A
Page 4 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SM78L15 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=23V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
14.55
15.0
15.45
VO
B-Rank (5%)
VIN=23V, IO=40mA,Tj=25°C
17.5V≦VIN≦30V, 1mA≦IO≦40mA
17.5V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
14.25
-
15.75
V
17.5V≦VIN≦30V, IO=40mA, Tj=25°C
-
25
150
ΔV
O(Line Regulation)
20V≦VIN≦30V, IO=40mA, Tj=25°C
-
15
75
mV
VIN=23V, 1mA≦IO≦100mA, Tj=25°C
-
20
150
ΔV
O(Load Regulation)
VIN=23V, 1mA≦IO≦70mA, Tj=25°C
-
25
150
mV
IQ
VIN=23V, IO=0mA,Tj=25°C
-
2.2
6.5
mA
VIN=23V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
20V≦VIN≦30V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
90
-
μV
RR
18.5V≦VIN≦28.5V, Io=40mA, f=120Hz,
Tj=25°C
34
63
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
-1.3
-
mV/°C
SM78L18 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=27V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
17.46
18.0
18.54
VO
B-Rank (5%)
VIN=27V, IO=40mA,Tj=25°C
21V≦VIN≦33V, 1mA≦IO≦40mA
21V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
17.10
-
18.9
V
21V≦VIN≦33V, IO=40mA, Tj=25°C
-
145
300
ΔV
O(Line Regulation)
22V≦VIN≦33V, IO=40mA, Tj=25°C
-
135
250
mV
VIN=27V, 1mA≦IO≦100mA, Tj=25°C
-
30
170
ΔV
O(Load Regulation)
VIN=27V, 1mA≦IO≦40mA, Tj=25°C
-
15
85
mV
IQ
VIN=27V, IO=0mA,Tj=25°C
-
2.0
6.0
mA
VIN=27V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
21V≦VIN≦33V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
150
-
μV
RR
23V≦VIN≦33V, Io=40mA, f=120Hz, Tj=25°C
34
48
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
-1.8
-
mV/°C
SM78L24 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=33V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
23.28
24.0
24.72
VO
B-Rank (5%)
VIN=33V, IO=40mA,Tj=25°C
27V≦VIN≦38V, 1mA≦IO≦40mA
27V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
22.80
-
25.20
V
27V≦VIN≦38V, IO=40mA, Tj=25°C
-
160
300
ΔV
O(Line Regulation)
28V≦VIN≦38V, IO=40mA, Tj=25°C
-
150
250
mV
VIN=33V, 1mA≦IO≦100mA, Tj=25°C
-
40
200
ΔV
O(Load Regulation)
VIN=33V, 1mA≦IO≦40mA, Tj=25°C
-
20
100
mV
IQ
VIN=33V, IO=0mA,Tj=25°C
-
2.2
6.0
mA
VIN=33V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
27V≦VIN≦38V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
200
-
μV
RR
27V≦VIN≦38V, Io=40mA, f=120Hz, Tj=25°C
34
45
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
-2.0
-
mV/°C
Note1: The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of the
package and copper of PCB .The data above represent pulse test conditions with junction temperatures specified at the
initiation of test.
Note2: Power dissipation < 0.5W


유사한 부품 번호 - SM78L10

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM78L12 SECOS-SM78L12 Datasheet
277Kb / 6P
   Positive Voltage Regulator
SM78L15 SECOS-SM78L15 Datasheet
277Kb / 6P
   Positive Voltage Regulator
SM78L18 SECOS-SM78L18 Datasheet
277Kb / 6P
   Positive Voltage Regulator
More results

유사한 설명 - SM78L10

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com