전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM2150A 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SM2150A
상세설명  2.0Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM2150A 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM2150A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM2150A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
SM2150A
VOLTAGE 150
2
.0Amp Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
RATING AND CHARACTERISTIC CURVES
Tc, Case Temperature (℃)
Typical Forward Current Derating Curve
0
2
3
20
50
100
150
190
Maximum Non- Repetitive Forward
Surge Current
Number of Cycles at 60Hz
0
10
20
30
40
50
0
10
100
8.3mS Single half
Sine Wave
JEDEC Method
Tj=25℃
0.3
0.1
1
2
3
Forward Voltage (V)
Typical Forward Characteristic
0.4
0.5
0.6
0.7
0.8
0.9
25℃
100℃
75℃
50℃
125℃
125℃
0.01
0.1
1
10
100
130
40
70
100
160
10
Reverse Voltage(V)
Typical Reverse Characteristic
25℃
50℃
100℃
75℃
Revise Voltage (%)
Typical Junction Capacitance
0
50
100
150
200
1
10
100
01-Nov-2006 Rev. B
Page 2 of 2


유사한 부품 번호 - SM2150A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A Datasheet
1Mb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM2150A LRC-SM2150A Datasheet
182Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 150V Forward Current 2.0A
logo
Goodwork Semiconductor ...
SM2150A GWSEMI-SM2150A Datasheet
63Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM2150A AITSEMI-SM2150A Datasheet
663Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
logo
SeCoS Halbleitertechnol...
SM2150AF SECOS-SM2150AF Datasheet
237Kb / 2P
   20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

유사한 설명 - SM2150A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM2200B SECOS-SM2200B_11 Datasheet
119Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR202 LUGUANG-SR202 Datasheet
1Mb / 2P
   2.0AMP. Schottky Barrier Rectifiers
logo
Nanjing International G...
SB220 DGNJDZ-SB220 Datasheet
68Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A_07 Datasheet
1Mb / 2P
   2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A_15 Datasheet
1Mb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR220 PACELEADER-SR220 Datasheet
524Kb / 2P
   2.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SB220-DO-15 YFWDIODE-SB220-DO-15 Datasheet
297Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SR220-DO-15 YFWDIODE-SR220-DO-15 Datasheet
324Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
SB220 YFWDIODE-SB220 Datasheet
267Kb / 2P
   2.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK24BL SECOS-SK24BL Datasheet
305Kb / 2P
   2.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com