전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM4001M 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SM4001M
상세설명  1.0 Amp Surface Mount General Purpose Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM4001M 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM4001M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM4001M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM4001M~SM4007M
50 ~ 1000 V
1.0 Amp Surface Mount General Purpose Rectifiers
01-December-2008 Rev. A
Page 1 of 2
E
E
F
B
C
D
A
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application
in order to optimize board space.
Small plastic SMD package.
High surge and high current capability.
Fast switching for high efficiency.
Glass-passivated chip junction.
PACKAGING INFORMATION
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.02700 g (Approximately)
MARKING CODE
Part Number
Marking Code
Part Number
Marking Code
SM4001M
A1
SM4005M
A5
SM4002M
A2
SM4006M
A6
SM4003M
A3
SM4007M
A7
SM4004M
A4
MAXIMUM RATINGS (Ta = 25°C unless otherwise specified.)
PART NUMBERS
PARAMETERS
SYMBOL
SM
4001
M
SM
4002
M
SM
4003
M
SM
4004
M
SM
4005
M
SM
4006
M
SM
4007
M
UNITS
TESTING
CONDITIONS
Recurrent Peak
Reverse Voltage (Max.)
VRRM
50
100
200
400
600
800
1000
V
RMS Voltage (Max.)
VRMS
35
70
140
280
420
560
700
V
Reverse Voltage (Max.)
VR
50
100
200
400
600
800
1000
V
Forward Voltage (Max.)
VF
1.10
V
IF = 1A
Average Forward
Rectified Current (Max.)
IO
1.0
A
See Fig.2
Peak Forward Surge Current
IFSM
30
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
5.0
VR=VRRM, Ta=25°C
DC Reverse Current at
Rated DC Blocking Voltage (Max.)
IR
50
μA
VR=VRRM, Ta=125°C
Junction – Ambient
Thermal Resistance (Typ.)
RθJA
60
°C/W
Junction – Case
Thermal Resistance (Typ.)
RθJC
30
°C/W
Junction Capacitance (Typ.)
CJ
15
pF
f=1MHz and
applied 4V DC
reverse voltage
Storage and Operating
Temperature Range
TSTG, TJ
-65 ~ 175, -55 to 150
°C
SOD-123M
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.50
3.90
D
3.60 (MAX.)
B
1.40
1.80
E
0.80 (TYP.)
C
1.30
1.70
F
0.30 (TYP.)


유사한 부품 번호 - SM4001M

제조업체부품명데이터시트상세설명
logo
UNIOHM CORPORATION
SM4001M UNIOHM-SM4001M Datasheet
64Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001MH SECOS-SM4001MH Datasheet
154Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
SM4001MH SECOS-SM4001MH_15 Datasheet
160Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
SM4001M SECOS-SM4001M_15 Datasheet
63Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
More results

유사한 설명 - SM4001M

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM4001MH SECOS-SM4001MH Datasheet
154Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
SM4001M SECOS-SM4001M_15 Datasheet
63Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
SM4001MH SECOS-SM4001MH_15 Datasheet
160Kb / 2P
   1.0 Amp Surface Mount General Purpose Rectifiers
logo
Chongqing Pingwei Enter...
S07ASA CHONGQING-S07ASA_16 Datasheet
180Kb / 1P
   1.0 AMP. SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
Nanjing International G...
M1F DGNJDZ-M1F Datasheet
183Kb / 2P
   1.0 AMP SURFACE MOUNT GENERAL RECTIFIERS
M1F-M7F DGNJDZ-M1F-M7F Datasheet
157Kb / 2P
   1.0 AMP SURFACE MOUNT GENERAL RECTIFIERS
logo
Taiwan Semiconductor Co...
S1AL TSC-S1AL Datasheet
49Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
   1.0 AMP. SURFACE MOUNT RECTIFIERS
logo
Taiwan Semiconductor Co...
S1AB TSC-S1AB_10 Datasheet
509Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
S1AL TSC-S1AL_1 Datasheet
375Kb / 2P
   1.0 AMP. Surface Mount Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com