전자부품 데이터시트 검색엔진 |
|
SN74HCT138 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
SN74HCT138 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 6 page SN54HCT138, SN74HCT138 3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS SCLS171C – MARCH 1984 – REVISED MAY 1997 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION VOLTAGE WAVEFORM INPUT RISE AND FALL TIMES 1.3 V 1.3 V 0.3 V 0.3 V 2.7 V 2.7 V 3 V 0 V tr tf Input VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT RISE AND FALL TIMES 1.3 V 1.3 V 1.3 V 10% 10% 90% 90% 3 V VOH VOL 0 V tr tf Input In-Phase Output 1.3 V tPLH tPHL 1.3 V 1.3 V 10% 10% 90% 90% VOH VOL tr tf tPHL tPLH Out-of-Phase Output Test Point From Output Under Test LOAD CIRCUIT NOTES: A. CL includes probe and test-fixture capacitance. B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. C. The outputs are measured one at a time with one input transition per measurement. D. tPLH and tPHL are the same as tpd. CL = 50 pF (see Note A) Figure 1. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - SN74HCT138 |
|
유사한 설명 - SN74HCT138 |