전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST2SA1664U 데이터시트(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

부품명 ST2SA1664U
상세설명  PNP Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SA1664U 데이터시트(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SA1664U Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SA1664U Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SA1664U Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 22/03/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SA1664U
PNP Epitaxial Planar Transistor
High Current Application
The transistor is subdivided into two groups, O
and Y, according to its DC current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
-VCBO
35
V
Collector Emitter Voltage
-VCEO
30
V
Emitter Base Voltage
-VEBO
5
V
Collector Current
-IC
800
mA
Base Current
-IB
160
mA
Collector Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
-55 to +150
O
C
Characteristics at Tamb = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE = 1 V, -IC = 100 mA
at -VCE = 1 V, -IC = 700 mA
O
Y
hFE
hFE
hFE
100
160
35
-
-
-
200
320
-
-
-
-
Collector Cutoff Current
at -VCB = 35 V
-ICBO
-
-
100
nA
Emitter Cutoff Current
at -VEB = 5 V
-IEBO
-
-
100
nA
Collector Emitter Breakdown Voltage
at -IC = 10 mA
-V(BR)CEO
30
-
-
V
Base Emitter Voltage
at -VCE = 1 V, -IC = 10 mA
-VBE
0.5
-
0.8
V
Collector Output Capacitance
at -VCB = 10 V, f = 1 MHz
Cob
-
19
-
pF
Collector Emitter Saturation Voltage
at -IC = 500 mA, -IB = 20 mA
-VCE(sat)
-
-
0.7
V
Transition Frequency
at -VCE = 5 V, -IC = 10 mA
fT
-
120
-
MHz


유사한 부품 번호 - ST2SA1664U

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
ST2SA1015 SEMTECH_ELEC-ST2SA1015 Datasheet
147Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
ST2SA1016 SEMTECH_ELEC-ST2SA1016 Datasheet
146Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
ST2SA1024 SEMTECH_ELEC-ST2SA1024 Datasheet
146Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
ST2SA1048 SEMTECH_ELEC-ST2SA1048 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
ST2SA1174 SEMTECH_ELEC-ST2SA1174 Datasheet
146Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results

유사한 설명 - ST2SA1664U

제조업체부품명데이터시트상세설명
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com