전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

502-501-21 데이터시트(PDF) 2 Page - Marl International Limited

부품명 502-501-21
상세설명  PROFESSIONAL LED INDICATORS8.1mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARL [Marl International Limited]
홈페이지  http://www.leds.co.uk
Logo MARL - Marl International Limited

502-501-21 데이터시트(HTML) 2 Page - Marl International Limited

  502-501-21 Datasheet HTML 1Page - Marl International Limited 502-501-21 Datasheet HTML 2Page - Marl International Limited 502-501-21 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Body
Bright Nickel Plated Brass
Nut
Bright Nickel Plated Brass
Panel Seal
Viton
Termination Tags
Silver Flash Coated Brass
Lens
Polycarbonate
Encapsulation
PC5430 resin
Lock Washer
Spring Steel
502 Series
MATERIALS
PUSH-ON CONNECTORS
TECHNICAL CHARACTERISTICS
OPTIONAL FLYING LEAD TERMINATIONS
SERIES
MAXIMUM
MAXIMUM
PANEL
NUT
MINIMUM
MIN/MAX.
POWER
REVERSE
CUTOUT
MOUNTING MOUNTING PANEL
DISSIPATION
VOLTAGE
TORQUE
CENTRES THICKNESS
502
700
3* / 1000•
8.1
0.6
x,y = 14.5
1.5-13.0
UNITS
mW
Vdc
mm
Nm
mm
mm
* = Current Version
• = Voltage Version
ORDER
SUPPLY
WIRE
WIRE
NO/DIAMETER
DIAMETER
COMMENTS
CODE
VOLTAGE
COLOUR
LENGTH
OF
OVER
SUFFIX
CONDUCTORS
INSULATION
15
DC Products Red-anode / Black-cathode 150mm
15
AC Products Brown-live / Blue-neutral 150mm
Customised
19/0.15mm
1.2mm
lengths
19
DC Products Red-anode / Black-cathode 1000mm
available
19
AC Products Brown-live / Blue-neutral 1000mm
925-000-00 is brass tin plated.
For use with 502 series lamps.
Dimensions in mm (Typical)
Not to scale
Page 2 of 3
Anode termination indicated by red sleeve
Mounting hole to be clean and burr free.
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Dimensions in mm (Typical)
Not to scale
© MARL INTERNATIONAL LTD 2008 : DS 014/08 Issue 2
SAMPLES AVAILABLE
Mounting Hole
7.8
23.3
6.0
Ø8.1
+0.1
0


유사한 부품 번호 - 502-501-21

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
502-501-21 MARL-502-501-21 Datasheet
433Kb / 5P
   횠8.1mm mounting Nickel plated brass housing, Sealed to IP67
More results

유사한 설명 - 502-501-21

제조업체부품명데이터시트상세설명
logo
Marl International Limi...
676-501-21 MARL-676-501-21 Datasheet
343Kb / 3P
   PROFESSIONAL LED INDICATORS 횠 8.1mm Mounting
662-303-04 MARL-662-303-04 Datasheet
176Kb / 1P
   PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
607-303-04 MARL-607-303-04 Datasheet
53Kb / 1P
   PROFESSIONAL LED INDICATORS - 횠 6.35mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
611-301-21 MARL-611-301-21 Datasheet
336Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.35mm Mounting
672-290-22 MARL-672-290-22 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠25.4mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
696-301-21 MARL-696-301-21 Datasheet
299Kb / 3P
   PROFESSIONAL LED INDICATORS 횠6.1mm Mounting
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com