전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

507-501-21 데이터시트(Datasheet) 2 Page - Marl International Limited

부품명 507-501-21
상세내용  PROFESSIONAL LED INDICATORS Ø8.1mm Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MARL [Marl International Limited]
홈페이지  http://www.leds.co.uk
Logo 

   
 2 page
background image
507 Series
MATERIALS
PUSH-ON CONNECTORS
Body
Brass to BS 2874 CZ121
Nickel plated to BS 1224
Nut
Brass to BS 2874 CZ121
nickel plated to BS 1224
Panel Seal
Viton
Termination
Brass to BS 2874 CZ108
Copper flash undercoat with silver flash finish
Lock Washer
Zinc plated steel
Fresnel lens
Polycarbonate
Encapsulation
PC5430 resin
TECHNICAL CHARACTERISTICS
OPTIONAL FLYING LEAD TERMINATIONS
SERIES
MAXIMUM
MAXIMUM
PANEL
NUT
MINIMUM
MIN/MAX.
POWER
REVERSE
CUTOUT
MOUNTING
MOUNTING
PANEL
DISSIPATION
VOLTAGE
TORQUE
CENTRES
THICKNESS
507
700
3* / 1000•
8.1
0.65
x,y=14.5
1.5-13.0
mw
Vdc
mm
Nm
mm
mm
* = current version
• = voltage version
ORDER
SUPPLY
WIRE
WIRE
NO/DIAMETER
DIAMETER
COMMENTS
CODE
VOLTAGE
COLOUR
LENGTH
OF
OVER
SUFFIX
CONDUCTORS
INSULATION
15
DC Products
Red-anode / Black-cathode 150mm
15
AC Products
Brown-live / Blue-neutral
150mm
Customised
19/0.15mm
1.2mm
lengths
19
DC Products
Red-anode / Black-cathode 1000mm
available
19
AC Products
Brown-live / Blue-neutral
1000mm
925-000-00 is brass tin plated.
For use with 507 series lamps.
Dimensions in mm (Typical)
Not to scale
Page 2 of 3
Anode termination indicated by red sleeve
Mounting hole to be clean an burr free
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Dimensions in mm (Typical)
Not to scale
MARL INTERNATIONAL LTD 2008 : DS 034/06 Issue 4
Mounting Hole
SAMPLES AVAILABLE




Html 페이지

1  2  3 


데이터시트



관련 부품명

부품명상세내용Html View제조사
503-501-21PROFESSIONAL LED INDICATORS Ø8.1mm Mounting 1 2 3 Marl International Limited
502-501-21PROFESSIONAL LED INDICATORS Ø 8.1mm Mounting 1 2 3 Marl International Limited
HSMX-A2-XX-XXXXXSurface Mount LED Indicators PLCC-4 SMT LEDs 1 2 3 4 5 MoreAVAGO TECHNOLOGIES LIMITED
351-0001-RCT-1 3/4 LED Mounting Clip 1 List of Unclassifed Manufacturers
TLRME68CGLED Lamps for mounting on through-hole PCB using an automatic insertion machine 1 2 3 4 5 MoreToshiba Semiconductor
TLRME68DGLED Lamps for mounting on through-hole PCB using an automatic insertion machine 1 2 3 4 5 MoreToshiba Semiconductor
TLSU268G_07LED Lamps for mounting on through-hole PCB using an automatic insertion machine 1 2 3 4 5 MoreToshiba Semiconductor
MV5000MP1PCB MOUNT LED INDICATORS 1 2 3 4 5 MoreQT Optoelectronics
1N6609JAN AND JANTX QUALIFIED HI-BRITE HERMETIC LED INDICATORS 1 2 Micropac Industries
NTE30030Super Bright LED Indicators 3mm 1 2 3 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl