전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM0825-33H 데이터시트(PDF) 1 Page - Stealth Microwave, Inc.

부품명 SM0825-33H
상세설명  800-2500 MHz 2 Watt Linear Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
홈페이지  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM0825-33H 데이터시트(HTML) 1 Page - Stealth Microwave, Inc.

  SM0825-33H Datasheet HTML 1Page - Stealth Microwave, Inc. SM0825-33H Datasheet HTML 2Page - Stealth Microwave, Inc. SM0825-33H Datasheet HTML 3Page - Stealth Microwave, Inc. SM0825-33H Datasheet HTML 4Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM0825-33/33H
800-2500 MHz
2 Watt Linear Power Amplifier
Parameter
Specification
Frequency Range
800 – 2500 MHz
Pout (P1dB)
+ 33 dBm (min.)
Third Order Intercept
Point
+ 45 dBm (min.)
Linear Gain
20 dB ± 1.0 dB (-33)
35 dB ± 1.0 dB (-33H)
Gain Flatness over
Full Band
± .75 dB
Input/Output Return Loss
(dB)
-10/-14 (-33)
-16/-14 (-33H)
DC Input Voltage
+ 12 Volts
DC Input Current
1.1 Amperes (typ.)
Mechanical Dimensions
5.0 x 2.5 x .6 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
Model SM0825-33/33H is an 800 to 2500
MHz solid state GaAs amplifier designed
for many applications that need high
linearity, wide bandwidth, and low current
consumption.
Features
• Mis-Match Protected
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto
Reset
Options
• Logic On/Off Control
• Integral Heatsink
• High Speed Switching for TDD
Configurations
• Module
• Laboratory Unit
• 19” Rack


유사한 부품 번호 - SM0825-33H

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM0825-36 STEALTH_MICROWAVE-SM0825-36 Datasheet
89Kb / 3P
   800-2500 MHz 4 Watt Linear Power Amplifier
SM0825-36/36H STEALTH_MICROWAVE-SM0825-36/36H Datasheet
89Kb / 3P
   800-2500 MHz 4 Watt Linear Power Amplifier
SM0825-36H STEALTH_MICROWAVE-SM0825-36H Datasheet
89Kb / 3P
   800-2500 MHz 4 Watt Linear Power Amplifier
More results

유사한 설명 - SM0825-33H

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM0825-36 STEALTH_MICROWAVE-SM0825-36 Datasheet
89Kb / 3P
   800-2500 MHz 4 Watt Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM2325-37H STEALTH_MICROWAVE-SM2325-37H Datasheet
80Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com