전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM1727-37HS 데이터시트(PDF) 1 Page - Stealth Microwave, Inc.

부품명 SM1727-37HS
상세설명  1700-2700 MHz 5 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
홈페이지  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1727-37HS 데이터시트(HTML) 1 Page - Stealth Microwave, Inc.

  SM1727-37HS Datasheet HTML 1Page - Stealth Microwave, Inc. SM1727-37HS Datasheet HTML 2Page - Stealth Microwave, Inc. SM1727-37HS Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1727-37HS
1700-2700 MHz
5 Watt Linear Power Amplifier
FOR LAB & WIDEBAND APPLICATIONS
* Parameter can be modified to meet specific needs.
Call our sales office for more information.
Parameter
Specification
Frequency Range
1.7 – 2.7 GHz*
Pout (P1dB)
+ 37 dBm
Third Order Intercept
Point
+ 50 dBm (typ.)*
Linear Gain
33 dB ± 1.0 dB*
Gain Flatness over
Full Band
±.5 dB*
Input/Output Return
Loss
-16 dB*/ -14 dB
DC Input Voltage
+12 Volts*
(+10 V Operation Available)
DC Input Current
1.9 Amperes (typ.)
2.1 Amperes (max.)
Mechanical Dimensions
4.7 x 2.0 x .54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM1727-37HS is a solid state GaAs
amplifier designed primarily for multiple
wireless
markets.
With
1
GHz
of
instantaneous bandwidth, the amplifier
can be used in most wireless applications.
This amplifier operates from 1700-2700
MHz, provides 33 dB of gain, ± 0.5 dB gain
flatness over the full band, and +37 dBm of
output power at the 1 dB compression point.
This highly linear design provides an output
third order intercept point of + 50 dBm.
The amplifier operates off a single supply of
+12V (+10V available as an option) and 1.9
A typical. The unit uses the latest surface
mount technologies to provide numerous
features, while maintaining a very small
size.
Features
• +12 VDC Operation
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• Single DC Supply of +10V
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• Laboratory Unit
• 19” Rack


유사한 부품 번호 - SM1727-37HS

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM1727-37H STEALTH_MICROWAVE-SM1727-37H Datasheet
82Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifiers
More results

유사한 설명 - SM1727-37HS

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37S STEALTH_MICROWAVE-SM1727-37S Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37 STEALTH_MICROWAVE-SM1727-37 Datasheet
82Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifiers
SM1727-34HS STEALTH_MICROWAVE-SM1727-34HS Datasheet
93Kb / 3P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM2527-37HS STEALTH_MICROWAVE-SM2527-37HS Datasheet
66Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM2527-37H STEALTH_MICROWAVE-SM2527-37H Datasheet
93Kb / 2P
   2500-2700 MHz 5 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com