전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM2560-47GN 데이터시트(PDF) 1 Page - Stealth Microwave, Inc.

부품명 SM2560-47GN
상세설명  2500 - 6000 MHz 50 Watt Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
홈페이지  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2560-47GN 데이터시트(HTML) 1 Page - Stealth Microwave, Inc.

  SM2560-47GN_1 Datasheet HTML 1Page - Stealth Microwave, Inc. SM2560-47GN_1 Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2560-47GN
2500 - 6000 MHz
50 Watt Power Amplifier
FOR MILITARY APPLICATIONS
Parameter
Specification
Frequency Range
2.5 – 6.0 GHz
Pout (Psat)
+47 dBm (typ.)
Gain
45 dB ± 2 dB
Gain Flatness
(over full band)
± 3 dB
Gain Change
(over temperature)
± 1 dB
Input/Output Return Loss
2:1 max., 1.5:1 typ.
DC Input Voltage
+28 Volts
DC Input Current
7 Amperes
(operational)
Mechanical Dimensions
7.50 x 3.97 x .79 inches
H=3.3 inches with
heatsink
RF Connectors
SMA Female
Operating Temperature
-40ºC to +85ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet
above Sea Level
The SM2560-47GN is a 2.5 to 6.0 GHz
solid state GaN amplifier designed for
various
commercial
and
military
applications. The amplifier provides 45 dB
of linear gain with a typical Psat of +47
dBm. It is available in modular form
(standard), as a lab unit or in 19” rack
mountable form.
Features
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
Options
• RF Sampling Port
• Logic On/Off Control
• Integral Heatsink
Configurations
• Module
• Laboratory Unit
• 19” Rack Mount


유사한 부품 번호 - SM2560-47GN_1

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN Datasheet
118Kb / 2P
   2500 - 6000 MHz 50 Watt Power Amplifier
More results

유사한 설명 - SM2560-47GN_1

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN Datasheet
118Kb / 2P
   2500 - 6000 MHz 50 Watt Power Amplifier
SM2025-46L STEALTH_MICROWAVE-SM2025-46L Datasheet
86Kb / 2P
   2000-2500 MHz 50 Watt Linear Power Amplifier
SM2325-47L STEALTH_MICROWAVE-SM2325-47L Datasheet
127Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2527-47L STEALTH_MICROWAVE-SM2527-47L Datasheet
150Kb / 4P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM2325-47 STEALTH_MICROWAVE-SM2325-47 Datasheet
95Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
   25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
   CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
Stealth Microwave, Inc.
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com