전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T-11-2500A-D3-SLC 데이터시트(PDF) 2 Page - Source Photonics, Inc.

부품명 T-11-2500A-D3-SLC
상세설명  2.5 Gbps PIN-TIA Receiver Modules-ROSA (3.3 V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-2500A-D3-SLC 데이터시트(HTML) 2 Page - Source Photonics, Inc.

  T-11-2500A-D3-SLC Datasheet HTML 1Page - Source Photonics, Inc. T-11-2500A-D3-SLC Datasheet HTML 2Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.5 Gbps PIN-TIA Receiver Modules-ROSA (3.3 V)
T-11-2500A-D3-SSC • T-11-2500A-D3-SLC
LUMNDS064-0402
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 • LUMINENTINC.COM
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow guidelines
according to proper ESD procedures.
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Luminent’s sole and absolute discretion. Luminent warrants performance of its products to
current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are given to describe components
only, and Luminent expressly disclaims any and all warranties for said products, including express, implied, and statutory warranties, warranties of merchantability, fitness for a
particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of Sale for further warranty information.
Luminent assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual property described
herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and Luminent makes no representations or warranties
that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this document are NOT intended for use in
implantation or other life support applications where malfunction may result in injury or death to persons. Luminent customers using or selling products for use in such
applications do so at their own risk and agree to fully defend and indemnify Luminent for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that Luminent is not liable for any actual,
consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact Luminent to
obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© Luminent, Inc. 2002
All rights reserved
Warnings
Legal Notice
Pin Assignments
Outline Drawing
Model
T-11-2500A-D3-SSC
T-11-2500A-D3-SLC
PIN Assignment
Functional Schematic
GND
DOUT
DOUT
VCC (+3.3V)
PD
Pin assignment
1~Vcc
2~Dout
3~Dout
4~GND (case)
*Units in mm
Note: Pin assignment can be customized.
1


유사한 부품 번호 - T-11-2500A-D3-SLC

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
T-11-2500A-P3-SFC-APC SOURCE-T-11-2500A-P3-SFC-APC Datasheet
380Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V)
T-11-2500A-P3-SSC-APC SOURCE-T-11-2500A-P3-SSC-APC Datasheet
380Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V)
T-11-2500A-R-SFC SOURCE-T-11-2500A-R-SFC Datasheet
576Kb / 2P
   PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
T-11-2500A-R-SSC SOURCE-T-11-2500A-R-SSC Datasheet
576Kb / 2P
   PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
T-11-2500A-R-SST SOURCE-T-11-2500A-R-SST Datasheet
576Kb / 2P
   PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
More results

유사한 설명 - T-11-2500A-D3-SLC

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
T-11-2500A-R3-SFC SOURCE-T-11-2500A-R3-SFC Datasheet
506Kb / 2P
   2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
T-11-2500A-R-SFC SOURCE-T-11-2500A-R-SFC Datasheet
576Kb / 2P
   PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
logo
List of Unclassifed Man...
T-11-155-D ETC2-T-11-155-D Datasheet
610Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
logo
Source Photonics, Inc.
T-11-622-D-SSC SOURCE-T-11-622-D-SSC Datasheet
490Kb / 3P
   622Mbps PIN-TIA Receiver Modules-ROSA (5V)
T-11-1250-D3-SSC SOURCE-T-11-1250-D3-SSC Datasheet
366Kb / 3P
   1.25Gbps PIN-TIA Receiver Modules-ROSA (3.3V)
T-11-2500-D3-SSC SOURCE-T-11-2500-D3-SSC Datasheet
717Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules-ROSA(3.3V)
T-11-155-D3-SSC SOURCE-T-11-155-D3-SSC Datasheet
702Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(3.3V)
T-11-622-D3-SSC SOURCE-T-11-622-D3-SSC Datasheet
522Kb / 3P
   622Mbps PIN-TIA Receiver Modules-ROSA (3.3V)
T-11-155-D-SSC SOURCE-T-11-155-D-SSC Datasheet
625Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
T-11-1250-D-SSC SOURCE-T-11-1250-D-SSC Datasheet
387Kb / 3P
   1.25Gbps PIN-TIA Receiver Modules-ROSA (5V)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com