전자부품 데이터시트 검색엔진 |
|
SN74ACT3631-15PQ 데이터시트(PDF) 7 Page - Texas Instruments |
|
SN74ACT3631-15PQ 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 26 page SN74ACT3631 512 × 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY SCAS246G – AUGUST 1993 – REVISED APRIL 1998 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 serial load To serially program the X and Y registers, the device is reset with FS0/SD and FS1/SEN high during the low-to-high transition of RST. After this reset is complete, the X- and Y-register values are loaded bitwise through FS0/SD on each low-to-high transition of CLKA that FS1/SEN is low. Writes of 18 bits are needed to complete the programming. The first bit write stores the most-significant bit of the Y register, and the last bit write stores the least-significant bit of the X register. Each register value can be programmed from 1 to 508. When the option to program the offset registers serially is chosen, the input-ready (IR) flag remains low until all register bits are written. The IR flag is set high by the low-to-high transition of CLKA after the last bit is loaded to allow normal FIFO operation. FIFO write/read operation The state of the port-A data (A0 – A35) outputs is controlled by the port-A chip select (CSA) and the port-A write/read select (W/RA). The A0 – A35 outputs are in the high-impedance state when either CSA or W/RA is high. The A0 – A35 outputs are active when both CSA and W/RA are low. Data is loaded into the FIFO from the A0 – A35 inputs on a low-to-high transition of CLKA when CSA and the port-A mailbox select (MBA) are low, W/RA, the port-A enable (ENA), and the input-ready (IR) flag are high (see Table 2). Writes to the FIFO are independent of any concurrent FIFO reads. Table 2. Port-A Enable Function Table CSA W/RA ENA MBA CLKA A0 – A35 OUTPUTS PORT FUNCTION H X X X X In high-impedance state None L H L X X In high-impedance state None L H H L ↑ In high-impedance state FIFO write L H H H ↑ In high-impedance state Mail1 write L L L L X Active, mail2 register None L L H L ↑ Active, mail2 register None L L L H X Active, mail2 register None L L H H ↑ Active, mail2 register Mail2 read (set MBF2 high) The port-B control signals are identical to those of port A, with the exception that the port-B write/read select (W/RB) is the inverse of the port-A write/read select (W/RA). The state of the port-B data (B0 – B35) outputs is controlled by the port-B chip select (CSB) and the port-B write/read select (W/RB). The B0 – B35 outputs are in the high-impedance state when either CSB is high or W/RB is low. The B0 – B35 outputs are active when CSB is low and W/RB is high. Data is read from the FIFO to its output register on a low-to-high transition of CLKB when CSB and the port-B mailbox select (MBB) are low, W/RB, the port-B enable (ENB), and the output-ready (OR) flag are high (see Table 3). Reads from the FIFO are independent of any concurrent FIFO writes. |
유사한 부품 번호 - SN74ACT3631-15PQ |
|
유사한 설명 - SN74ACT3631-15PQ |