전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHC1G04DCK 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74AHC1G04DCK
상세설명  SINGLE INVERTER GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G04DCK 데이터시트(HTML) 3 Page - Texas Instruments

  SN74AHC1G04DCK Datasheet HTML 1Page - Texas Instruments SN74AHC1G04DCK Datasheet HTML 2Page - Texas Instruments SN74AHC1G04DCK Datasheet HTML 3Page - Texas Instruments SN74AHC1G04DCK Datasheet HTML 4Page - Texas Instruments SN74AHC1G04DCK Datasheet HTML 5Page - Texas Instruments SN74AHC1G04DCK Datasheet HTML 6Page - Texas Instruments SN74AHC1G04DCK Datasheet HTML 7Page - Texas Instruments SN74AHC1G04DCK Datasheet HTML 8Page - Texas Instruments SN74AHC1G04DCK Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN74AHC1G04
SINGLE INVERTER GATE
SCLS318Q − MARCH 1996 − REVISED JUNE 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
IOH = −50 mA
3 V
2.9
3
2.9
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
V
VOH
IOH = −4 mA
3 V
2.58
2.48
V
IOH = −8 mA
4.5 V
3.94
3.8
2 V
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
VOL
IOL = 50 mA
4.5 V
0.1
0.1
V
VOL
IOL = 4 mA
3 V
0.36
0.44
V
IOL = 8 mA
4.5 V
0.36
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
1
10
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL = 15 pF
5
7.1
1
8.5
ns
tPHL
A
Y
CL = 15 pF
5
7.1
1
8.5
ns
tPLH
A
Y
CL = 50 pF
7.5
10.6
1
12
ns
tPHL
A
Y
CL = 50 pF
7.5
10.6
1
12
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL = 15 pF
3.8
5.5
1
6.5
ns
tPHL
A
Y
CL = 15 pF
3.8
5.5
1
6.5
ns
tPLH
A
Y
CL = 50 pF
5.3
7.5
1
8.5
ns
tPHL
A
Y
CL = 50 pF
5.3
7.5
1
8.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
12
pF


유사한 부품 번호 - SN74AHC1G04DCK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHC1G04DCK3 TI1-SN74AHC1G04DCK3 Datasheet
1Mb / 27P
[Old version datasheet]   Single Inverter Gate
SN74AHC1G04DCKR TI-SN74AHC1G04DCKR Datasheet
471Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1G04DCKR TI-SN74AHC1G04DCKR Datasheet
574Kb / 13P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1G04DCKR TI1-SN74AHC1G04DCKR Datasheet
1Mb / 22P
[Old version datasheet]   Single Inverter Gate
SN74AHC1G04DCKR TI1-SN74AHC1G04DCKR Datasheet
1Mb / 27P
[Old version datasheet]   Single Inverter Gate
More results

유사한 설명 - SN74AHC1G04DCK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
[Old version datasheet]   Single Inverter Gate
logo
Unisonic Technologies
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
   SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
   SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1GU04 TI-SN74AUC1GU04_10 Datasheet
445Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74AHC1G04 DIODES-74AHC1G04_11 Datasheet
180Kb / 8P
   SINGLE INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com