전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALB16245DGG 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74ALB16245DGG
상세설명  3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALB16245DGG 데이터시트(HTML) 3 Page - Texas Instruments

  SN74ALB16245DGG Datasheet HTML 1Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 2Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 3Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 4Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 5Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 6Page - Texas Instruments SN74ALB16245DGG Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN74ALB16245
3.3-V ALB 16-BIT TRANSCEIVER
WITH 3-STATE OUTPUTS
SCBS678B – SEPTEMBER 1996 – REVISED JULY 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Except I/O ports (see Note 1)
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O ports (see Notes 1 and 2)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through each VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): DGG package
89
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
94
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
IOH‡
High-level output current
–25
mA
IOL‡
Low-level output current
25
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
5
ns/V
TA
Operating free-air temperature
–40
85
°C
‡ Refer to Figures 1 and 2 for typical I/O ranges.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
UNIT
VIK
AorB ports
VCC =3V
II = 18 mA
3.7
VCC+1.2
V
VIK
A or B ports
VCC = 3 V
II = –18 mA
–0.9
–1.2
V
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±10
µA
VI =VCC
OE low
0.4
0.6
mA
II
AorB ports
VCC =3 6V
VI = VCC
OE high
25
µA
A or B ports
VCC = 3.6 V
VI =0
OE low
–0.7
–1
mA
VI = 0
OE high
–60
µA
IOZH
VCC = 3.6 V,
VO = 3 V
0.7
20
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–0.2
–50
µA
ICC/buffer
VCC = 3.6 V,
IO = 0,
VI = VCC or GND
3.7
5.6
mA
ICCZ
VCC = 3.6 V,
Control inputs = VCC or GND
0.8
mA
∆ICC¶
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V,
Other inputs at VCC or GND
600
µA
Ci
VI = 3 V or 0
3.5
pF
Cio
VO = 3 V or 0
7.5
pF
§ All typical values are at VCC = 3.3 V, TA = 25°C.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.


유사한 부품 번호 - SN74ALB16245DGG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALB16245DGGR TI-SN74ALB16245DGGR Datasheet
363Kb / 13P
[Old version datasheet]   3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALB16245DGG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALB16245 TI-SN74ALB16245_08 Datasheet
363Kb / 13P
[Old version datasheet]   3.3-V ALB 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH182512-EP TI1-SN74LVTH182512-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16952-EP TI1-SN74LVTH16952-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16646-EP TI1-SN74LVTH16646-EP Datasheet
334Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH162245-EP TI1-SN74LVTH162245-EP Datasheet
348Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-Q1 TI1-SN74LVTH16245A-Q1 Datasheet
158Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16245A-EP TI1-SN74LVTH16245A-EP Datasheet
644Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16543-EP TI1-SN74LVTH16543-EP Datasheet
304Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com