전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS156D 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALS156D
상세설명  DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS156D 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ALS156D Datasheet HTML 1Page - Texas Instruments SN74ALS156D Datasheet HTML 2Page - Texas Instruments SN74ALS156D Datasheet HTML 3Page - Texas Instruments SN74ALS156D Datasheet HTML 4Page - Texas Instruments SN74ALS156D Datasheet HTML 5Page - Texas Instruments SN74ALS156D Datasheet HTML 6Page - Texas Instruments SN74ALS156D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74ALS156
DECODER/DEMULTIPLEXER
WITH OPEN-COLLECTOR OUTPUTS
SDAS099C – JUNE 1986 – REVISED MAY 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Applications:
– Dual 2-Line to 4-Line Decoder
– Dual 1-Line to 4-Line Demultiplexer
– 3-Line to 8-Line Decoder
– 1-Line to 8-Line Demultiplexer
D Individual Strobes Simplify Cascading for
Decoding or Demultiplexing Larger Words
D Package Options Include Plastic
Small-Outline (D) Packages and Standard
Plastic (N) 300-mil DIPs
description
One of the main applications of the SN74ALS156 is as a dual 1-line to 4-line decoder /demultiplexer with
individual strobes (G) and common binary-address inputs in a single 16-pin package. When both sections are
enabled, the common binary-address inputs sequentially select and route associated input data to the
appropriate output of each section. The individual strobes permit enabling or disabling each of the 4-bit sections,
as desired.
Data applied to input 1C is inverted at its outputs and data applied at input 2C is not inverted through its outputs.
The inverter following the 1C data input permits use of the SN74ALS156 as a 3-line to 8-line demultiplexer
without external gating. All inputs are clamped with high-performance Schottky diodes to suppress line ringing
and simplify system design.
The SN74ALS156 is characterized for operation from 0
°C to 70°C.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1C
1G
B
1Y3
1Y2
1Y1
1Y0
GND
VCC
2C
2G
A
2Y3
2Y2
2Y1
2Y0


유사한 부품 번호 - SN74ALS156D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS156D TI1-SN74ALS156D Datasheet
463Kb / 14P
[Old version datasheet]   DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
SN74ALS156DE4 TI1-SN74ALS156DE4 Datasheet
463Kb / 14P
[Old version datasheet]   DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
SN74ALS156DR TI1-SN74ALS156DR Datasheet
463Kb / 14P
[Old version datasheet]   DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
SN74ALS156DRE4 TI1-SN74ALS156DRE4 Datasheet
463Kb / 14P
[Old version datasheet]   DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
More results

유사한 설명 - SN74ALS156D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS156 TI1-SN74ALS156_14 Datasheet
463Kb / 14P
[Old version datasheet]   DECODER/DEMULTIPLEXER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM9370 FAIRCHILD-DM9370 Datasheet
58Kb / 5P
   7-Segment Decoder/Driver/Latch with Open-Collector Outputs
logo
National Semiconductor ...
DM74LS249 NSC-DM74LS249 Datasheet
103Kb / 6P
   BCD to 7-Segment Decoder with Open-Collector Outputs
54LS247 NSC-54LS247 Datasheet
66Kb / 3P
   BCD TO 7-SEGMENT DECODER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47 Datasheet
67Kb / 6P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
Hitachi Semiconductor
HD74LS49 HITACHI-HD74LS49 Datasheet
66Kb / 5P
   BCD-to-Seven Segment Decoder Driver(with Open collector outputs)
logo
Fairchild Semiconductor
DM74LS47 FAIRCHILD-DM74LS47_07 Datasheet
203Kb / 8P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
DM74LS247 FAIRCHILD-DM74LS247 Datasheet
81Kb / 4P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
National Semiconductor ...
DM54LS447 NSC-DM54LS447 Datasheet
126Kb / 6P
   BCD to 7-Segment Decoder/Driver with Open-Collector Outputs
logo
Fairchild Semiconductor
DM74ALS05A FAIRCHILD-DM74ALS05A Datasheet
48Kb / 4P
   Hex Inverter with Open Collector Outputs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com