전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS233BDW 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74ALS233BDW
상세설명  16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS233BDW 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ALS233BDW Datasheet HTML 1Page - Texas Instruments SN74ALS233BDW Datasheet HTML 2Page - Texas Instruments SN74ALS233BDW Datasheet HTML 3Page - Texas Instruments SN74ALS233BDW Datasheet HTML 4Page - Texas Instruments SN74ALS233BDW Datasheet HTML 5Page - Texas Instruments SN74ALS233BDW Datasheet HTML 6Page - Texas Instruments SN74ALS233BDW Datasheet HTML 7Page - Texas Instruments SN74ALS233BDW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN74ALS233B
16
× 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SCAS253B – MARCH 1990 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Independent Asychronous Inputs and
Outputs
D 16 Words by 5 Bits
D Data Rates From up to 40 MHz
D Fall-Through Time 14 ns Typ
D 3-State Outputs
D Package Options Include Plastic
Small-Outline Package (DW), Plastic Chip
Carriers (FN), and Standard Plastic 300-mil
DIPs (N)
description
This 80-bit memory uses advanced low-power
Schottky technology and features high speed and
a fast fall-through time. It is organized as 16 words
by 5 bits.
A FIFO memory is a storage device that allows
data to be written into and read from its array at
independent data rates. This FIFO is designed to
process data at rates up to 40 MHz in a bit-parallel
format, word by word.
Data is written into memory on a low-to-high
transition at the load clock (LDCK) input and is
read out on a low-to-high transition at the unload
clock (UNCK) input. The memory is full when the
number of words clocked in exceeds by 16 the
number of words clocked out. When the memory
is full, LDCK signals have no effect. When the
memory is empty, UNCK signals have no effect.
Status of the FIFO memory is monitored by the FULL, EMPTY, FULL–1, and EMPTY+1 output flags. The FULL
output is low when the memory is full and high when it is not full. The FULL–1 output is low when the memory
contains 15 data words. The EMPTY output is low when the memory is empty and high when it is not empty.
The EMPTY+1 output is low when one word remains in memory.
A low level on the reset (RST) input resets the internal stack control pointers and also sets EMPTY low and sets
FULL, FULL–1, and EMPTY+1 high. The Q outputs are not reset to any specific logic level. The first low-to-high
transition on LDCK, after either a RST pulse or from an empty condition, causes EMPTY to go high and the data
to appear on the Q outputs. It is important to note that the first word does not have to be unloaded. Data outputs
are noninverting with respect to the data inputs and are at high impedance when the output-enable (OE) input
is low. OE does not affect the output flags. Cascading is easily accomplished in the word-width direction but is
not possible in the word-depth direction.
The SN74ALS233B is characterized for operation from 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
OE
FULL–1
FULL
LDCK
D0
D1
D2
D3
D4
GND
VCC
EMPTY+1
UNCK
EMPTY
Q0
Q1
Q2
Q3
Q4
RST
DW OR N PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
UNCK
EMPTY
Q0
Q1
Q2
LDCK
D0
D1
D2
D3
FN PACKAGE
(TOP VIEW)
20
19
18
17
16
15
14
13
12
11
18
17
16
15
14
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


유사한 부품 번호 - SN74ALS233BDW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS233BDW TI1-SN74ALS233BDW Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233BDWR TI1-SN74ALS233BDWR Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results

유사한 설명 - SN74ALS233BDW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74S225 TI1-SN74S225_06 Datasheet
308Kb / 13P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT2235 TI-SN74ACT2235 Datasheet
275Kb / 18P
[Old version datasheet]   1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7807 TI1-SN74ACT7807_15 Datasheet
282Kb / 19P
[Old version datasheet]   2048 횞 9CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com