전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS236N 데이터시트(PDF) 7 Page - Texas Instruments

부품명 SN74ALS236N
상세설명  64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS236N 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74ALS236N Datasheet HTML 3Page - Texas Instruments SN74ALS236N Datasheet HTML 4Page - Texas Instruments SN74ALS236N Datasheet HTML 5Page - Texas Instruments SN74ALS236N Datasheet HTML 6Page - Texas Instruments SN74ALS236N Datasheet HTML 7Page - Texas Instruments SN74ALS236N Datasheet HTML 8Page - Texas Instruments SN74ALS236N Datasheet HTML 9Page - Texas Instruments SN74ALS236N Datasheet HTML 10Page - Texas Instruments SN74ALS236N Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN74ALS236
64
× 4
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SDAS107C – OCTOBER 1986 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High level output current
Q outputs
– 2.6
mA
IOH
High-level output current
IR and OR
– 0.4
mA
IOL
Low level output current
Q outputs
24
mA
IOL
Low-level output current
IR and OR
8
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
V
Any Q
VCC =4 5V
IOH = – 1 mA
VOH
Any Q
VCC = 4.5 V
IOH = – 2.6 mA
2.4
3.2
V
IR, OR
VCC = 4.5 V,
IOH = – 0.4 mA
2.7
3.4
Any Q
VCC =4 5V
IOL = 12 mA
0.25
0.4
VOL
Any Q
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
VOL
IR OR
VCC =4 5V
IOL = 4 mA
0.25
0.4
V
IR, OR
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICC
VCC =5 5V
Low
100
145
mA
ICC
VCC = 5.5 V
High
97
142
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one-half of the true short-circuit output current, IOS.
timing requirements over recommended operating conditions (unless otherwise noted) (see
Figure 5)
MIN
MAX
UNIT
fclock
Clock frequency
SI or SO
30
MHz
t
Pulse duration
SI or SO
High or low
15
ns
tw
Pulse duration
RST
Low
15
ns
Data
0
tsu
Setup time before SI
RST
High
(inactive)
15
ns
th
Hold time, data after SI
17
ns


유사한 부품 번호 - SN74ALS236N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS230 TI-SN74ALS230 Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS230DW TI-SN74ALS230DW Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS230N TI-SN74ALS230N Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS231 TI-SN74ALS231 Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74ALS231DW TI-SN74ALS231DW Datasheet
397Kb / 8P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALS236N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS235 TI1-SN74ALS235 Datasheet
275Kb / 15P
[Old version datasheet]   64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com