전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALS679 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74ALS679
상세설명  12-BIT ADDRESS COMPARATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS679 데이터시트(HTML) 5 Page - Texas Instruments

  SN74ALS679 Datasheet HTML 1Page - Texas Instruments SN74ALS679 Datasheet HTML 2Page - Texas Instruments SN74ALS679 Datasheet HTML 3Page - Texas Instruments SN74ALS679 Datasheet HTML 4Page - Texas Instruments SN74ALS679 Datasheet HTML 5Page - Texas Instruments SN74ALS679 Datasheet HTML 6Page - Texas Instruments SN74ALS679 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SN74ALS679
12-BIT ADDRESS COMPARATOR
SDAS003C – JUNE 1982 – REVISED JANUARY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
The SN74ALS679 can be wired to recognize any one of 212 addresses. The number of lows in the address determines
the input pattern for the P inputs. The system address lines that are low in the address to be recognized are connected
to the lowest-numbered A inputs of the address comparator. The system address lines that are high are connected
to the highest-numbered A inputs.
For example, assume the comparator is to enable a device when the 12-bit system address is:
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
H
H
L
L
HH
L
L
HHHH
Because the address contains four lows and eight highs, the following connections are made:
P3 to 0 V, P2 to V
CC, P1 to 0 V, and P0 to 0 V
System address lines A9, A8, A5, and A4 to comparator inputs A1 through A4 in any convenient order
TheremainingeightsystemaddresslinestocomparatorinputsA5throughA12inanyconvenientorder
The output provides an active-low enabling signal.
Figure 1 is a register-bank decoder that examines the 14 most significant bits (A0 through A13) of a 20-bit address
to select banks corresponding to the hex addresses 10000, 10040, 10080, and 100C0.
MEMEN
System
Address
Lines
A0 (MSB) – A19
A0 – A2
A4 – A11
A3
A12
A13
A14 – A19
A1 – A11
A12
SN74ALS679
[ADDRESS
COMP]
EN
0
3
P
P0
P1
P2
P3
[P=11]
VCC
G
A
B
1
2
1000016
64 X n-Bit
Registers
S0 – S5
1004016
1008016
100C016
1/2
′ALS139
X/Y
1
2
0
3
1000016
1004016
1008016
100C016
=
=
=
=
LLLH
LLLH
LLLH
LLLH
LLLL
LLLL
LLLL
LLLL
LLLL
LLLL
LLLL
LLLL
LLLL
LHLL
HLLL
HHLL
LLLL
LLLL
LLLL
LLLL
04
8
12
16
11
6
G
Figure 1. Register-Bank Decoder


유사한 부품 번호 - SN74ALS679

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS679 TI-SN74ALS679 Datasheet
279Kb / 6P
[Old version datasheet]   12-BIT ADDRESS COMPARATORS
More results

유사한 설명 - SN74ALS679

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74HC679 HITACHI-HD74HC679 Datasheet
67Kb / 10P
   12-bit Address Comparator
logo
Renesas Technology Corp
HD74HC680 RENESAS-HD74HC680 Datasheet
102Kb / 7P
   12-bit Address Comparator
logo
Hitachi Semiconductor
HD74HC680 HITACHI-HD74HC680 Datasheet
62Kb / 10P
   12-bit Address Comparator
logo
Renesas Technology Corp
HD74HC679 RENESAS-HD74HC679 Datasheet
96Kb / 7P
   12-bit Address Comparator
logo
Hitachi Semiconductor
HD74HC677 HITACHI-HD74HC677 Datasheet
52Kb / 8P
   16-bit Address Comparator
logo
Texas Instruments
SN74ALS677A TI1-SN74ALS677A Datasheet
130Kb / 7P
[Old version datasheet]   16-BIT ADDRESS COMPARATOR
logo
Hitachi Semiconductor
HD74HC678 HITACHI-HD74HC678 Datasheet
50Kb / 8P
   16-bit Address Comparator
logo
Texas Instruments
SN74ALS680 TI-SN74ALS680 Datasheet
279Kb / 6P
[Old version datasheet]   12-BIT ADDRESS COMPARATORS
logo
Radiometrix Ltd
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
logo
Texas Instruments
SN74ALS678 TI-SN74ALS678 Datasheet
302Kb / 7P
[Old version datasheet]   16-BIT ADDRESS COMAPARATORS
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com