전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3715 데이터시트(PDF) 3 Page - Motorola, Inc

부품명 2N3715
상세설명  10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N3715 데이터시트(HTML) 3 Page - Motorola, Inc

  2N3715 Datasheet HTML 1Page - Motorola, Inc 2N3715 Datasheet HTML 2Page - Motorola, Inc 2N3715 Datasheet HTML 3Page - Motorola, Inc 2N3715 Datasheet HTML 4Page - Motorola, Inc 2N3715 Datasheet HTML 5Page - Motorola, Inc 2N3715 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N3715 2N3716
3–14
Motorola Bipolar Power Transistor Device Data
10
0.1
Figure 3. Collector Current versus Base Current
IB, BASE CURRENT (mA)
7.0
5.0
3.0
2.0
1.0
0.07
0.05
0.01
0.2
0.5
1.0
5.0
20
50
100
1000
200
0.03
0.02
TJ = 175°C
2.0
10
500
– 40
°C
VCE = 2 V
SEE NOTES 1, 2
25
°C
2N3715, 2N3716
1000
0
Figure 4. Base Current–Voltage Variations
VBE, BASE–EMITTER VOLTAGE (VOLTS)
700
1.0
0.4
0.8
1.6
2.0
TJ = 175°C
1.2
– 40
°C
VCE = 2 V
SEE NOTE 2
25
°C
500
300
200
100
70
50
30
20
10
7.0
5.0
3.0
2.0
10
0.1
Figure 5. Collector Current–Voltage Variations
VBE, BASE–EMITTER VOLTAGE (VOLTS)
7
5
3
2
1
0.7
0.5
0.1
0.4
1.6
2.0
0.3
0.2
TJ = 175°C
0.8
1.2
– 40
°C
25
°C
2N3715, 2N3716
VCE = 2 V
SEE NOTE 2
0.1
0.2
0.3
0.5
0.7
NOTE 1. Dotted line indicates metered base current plus the ICBO of the transistor at 175_C.
NOTE 2. Pulse test: pulse width
≈ 200 µsec, duty cycle ≈ 1.5%.


유사한 부품 번호 - 2N3715

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N3715 BOCA-2N3715 Datasheet
132Kb / 3P
   SILICON NPN POWER TRANSISTORS
logo
Microsemi Corporation
2N3715 MICROSEMI-2N3715 Datasheet
64Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3715 ETC-2N3715 Datasheet
347Kb / 8P
   Power Transistors
logo
Inchange Semiconductor ...
2N3715 ISC-2N3715 Datasheet
42Kb / 2P
   isc Silicon NPN Power Transistors
logo
Comset Semiconductor
2N3715 COMSET-2N3715 Datasheet
178Kb / 5P
   EPITAXIAL-BASE NPN - PNP
More results

유사한 설명 - 2N3715

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJE341 MOTOROLA-MJE341 Datasheet
130Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 150-200 VOLTS 20 WATTS
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
Motorola, Inc
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
logo
Motorola, Inc
MJE2955T MOTOROLA-MJE2955T Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com