전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B-13-155C-TDFB3-SFC7 데이터시트(PDF) 7 Page - Source Photonics, Inc.

부품명 B-13-155C-TDFB3-SFC7
상세설명  155 Mbps Bi-directional Receptacle Single Fiber Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-155C-TDFB3-SFC7 데이터시트(HTML) 7 Page - Source Photonics, Inc.

  B-13-155C-TDFB3-SFC7 Datasheet HTML 1Page - Source Photonics, Inc. B-13-155C-TDFB3-SFC7 Datasheet HTML 2Page - Source Photonics, Inc. B-13-155C-TDFB3-SFC7 Datasheet HTML 3Page - Source Photonics, Inc. B-13-155C-TDFB3-SFC7 Datasheet HTML 4Page - Source Photonics, Inc. B-13-155C-TDFB3-SFC7 Datasheet HTML 5Page - Source Photonics, Inc. B-13-155C-TDFB3-SFC7 Datasheet HTML 6Page - Source Photonics, Inc. B-13-155C-TDFB3-SFC7 Datasheet HTML 7Page - Source Photonics, Inc. B-13-155C-TDFB3-SFC7 Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
155 Mbps Bi-directional Receptacle
Single Fiber Transceiver
B-15/13-155(C)-TDFB(3)-Sxx5(7)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS581-Apr2107
Rev A.3
LUMINENTOIC.COM
Ordering Information
B - 15/13 - 155 - TDFB(3) - S XX Tx Power -RoHS
• Wavelength
Tx Wavelength=1550nm
Rx Wavelength=1310nm
• Communication protocol
155 = LVPECL SD output
155C = LVTTL SD output
• Connector options
SC/ST/FC
• TDFB = +5V Transceiver
• TDFB3 = +3.3V Transceiver
• Single mode fiber
• Tx Power
5 = -5 to 0 dBm
7 = -3 to +2 dBm
• RoHS
Blank = RoHS non-compliant product
G5 =
RoHS compliant
Part Numbering Definitions:
Available Options:
B-15/13-155(C)-TDFB-SSC5(7)
B-15/13-155(C)-TDFB-SFC5(7)
B-15/13-155(C)-TDFB-SST5(7)
B-15/13-155(C)-TDFB3-SSC5(7)
B-15/13-155(C)-TDFB3-SFC5(7)
B-15/13-155(C)-TDFB3-SST5(7)
B-15/13-155(C)-TDFB-SSC5(7)-G5
B-15/13-155(C)-TDFB-SFC5(7)-G5
B-15/13-155(C)-TDFB-SST5(7)-G5
B-15/13-155(C)-TDFB3-SSC5(7)-G5
B-15/13-155(C)-TDFB3-SFC5(7)-G5
B-15/13-155(C)-TDFB3-SST5(7)-G5


유사한 부품 번호 - B-13-155C-TDFB3-SFC7

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
B-13-155C-T-SFC3 SOURCE-B-13-155C-T-SFC3 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155C-T-SFC3A SOURCE-B-13-155C-T-SFC3A Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155C-T-SFC3AG5 SOURCE-B-13-155C-T-SFC3AG5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155C-T-SFC3AGR SOURCE-B-13-155C-T-SFC3AGR Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155C-T-SFC3G5 SOURCE-B-13-155C-T-SFC3G5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results

유사한 설명 - B-13-155C-TDFB3-SFC7

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-15-13-155-T-SSC5 SOURCE-B-15-13-155-T-SSC5 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC3 SOURCE-B-13-155-T-SSC3 Datasheet
639Kb / 8P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-T-SSC5-40 SOURCE-B-13-155-T-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
logo
List of Unclassifed Man...
B-15-155-T-SSC4 ETC2-B-15-155-T-SSC4 Datasheet
1Mb / 7P
   155 Mbps Bi-directional SC Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com