전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C-13-155-T3-SSC7 데이터시트(PDF) 6 Page - Source Photonics, Inc.

부품명 C-13-155-T3-SSC7
상세설명  155 Mbps Single Mode Transceiver (Long-Reach)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-155-T3-SSC7 데이터시트(HTML) 6 Page - Source Photonics, Inc.

  C-13-155-T3-SSC7 Datasheet HTML 1Page - Source Photonics, Inc. C-13-155-T3-SSC7 Datasheet HTML 2Page - Source Photonics, Inc. C-13-155-T3-SSC7 Datasheet HTML 3Page - Source Photonics, Inc. C-13-155-T3-SSC7 Datasheet HTML 4Page - Source Photonics, Inc. C-13-155-T3-SSC7 Datasheet HTML 5Page - Source Photonics, Inc. C-13-155-T3-SSC7 Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Luminentʼs sole and absolute discretion. Luminent warrants performance of its
products to current specifications only in accordance with the companyʼs standard one-year warranty; however, specifications designated as “preliminary” are given to
describe components only, and Luminent expressly disclaims any and all warranties for said products, including express, implied, and statutory warranties, warranties
of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the companyʼs Terms and Conditions of Sale for further
warranty information.
Luminent assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual property
described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and Luminent makes no representa-
tions or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this document are NOT
intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. Luminent customers using or selling
products for use in such applications do so at their own risk and agree to fully defend and indemnify Luminent for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that Luminent is not liable for any actual,
consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact Lumi-
nent to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© Luminent, Inc. 2003
All rights reserved
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 • LUMINENT.COM
6
LUMNDS612-0603
155 Mbps Single Mode Transceiver
(Long-Reach)
C-13-155(C)-T(3)-SSC7(9)
Ordering Information
C -13 - 155 - T(3) - SSC 7(9) (A/B/C/D/E)
• Wavelength = 1310 nm
• Communication protocol
(155 Mbps)
• +5V/(3.3V) Transceiver
Single mode fiber
• Connector options
• Ultra Long Reach
• Blank: Black Case (10.4 mm)
A: Black Case (10.4 mm)
B/E: Blue Case (9.8mm)
C/D: Black Case (9.8mm)
Warnings
Legal Notice


유사한 부품 번호 - C-13-155-T3-SSC7

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
C-13-155-T3-SSC7 SOURCE-C-13-155-T3-SSC7 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC7-G5 SOURCE-C-13-155-T3-SSC7-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC7A SOURCE-C-13-155-T3-SSC7A Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC7A-G5 SOURCE-C-13-155-T3-SSC7A-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T3-SSC7B SOURCE-C-13-155-T3-SSC7B Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
More results

유사한 설명 - C-13-155-T3-SSC7

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
C-13-155-T3-SST3A-14-G5 SOURCE-C-13-155-T3-SST3A-14-G5 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC5-06 SOURCE-C-13-155-T-SSC5-06 Datasheet
1Mb / 6P
   155 Mbps Single Mode Transceiver
C-13-155-T-SFC3-55-G5 SOURCE-C-13-155-T-SFC3-55-G5 Datasheet
504Kb / 8P
   155 Mbps Single Mode Transceiver
C-13-155-T-SSC3 SOURCE-C-13-155-T-SSC3 Datasheet
1Mb / 7P
   155 Mbps Single Mode Transceiver
logo
Optoway Technology Inc
SPS-33240-CXX0G_2015 OPTOWAY-SPS-33240-CXX0G_2015 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-3380G OPTOWAY-SPS-3380G_15 Datasheet
147Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33240-CXX0G OPTOWAY-SPS-33240-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120-CXX0G OPTOWAY-SPS-33120-CXX0G_15 Datasheet
149Kb / 5P
   155 Mbps LC SFP SINGLE-MODE TRANSCEIVER
logo
Source Photonics, Inc.
C-15-155-FDFB-SLC8A-G5 SOURCE-C-15-155-FDFB-SLC8A-G5 Datasheet
721Kb / 9P
   155 Mbps Single Mode SFF LC Transceiver
C-127-155-FDFB-SLC5 SOURCE-C-127-155-FDFB-SLC5 Datasheet
674Kb / 8P
   155 Mbps Single Mode SFF LC Transceiver
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com