전자부품 데이터시트 검색엔진 |
|
SN74ALVCH16821 데이터시트(PDF) 7 Page - Texas Instruments |
|
|
SN74ALVCH16821 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 10 page SN74ALVCH16821 3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS SCES037C – JULY 1995 – REVISED FEBRUARY 1999 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION VCC = 1.8 V VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VCC/2 VOH VOL th tsu From Output Under Test CL = 30 pF (see Note A) LOAD CIRCUIT S1 Open GND 1 k Ω 1 k Ω Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) tPZL tPZH tPLZ tPHZ 0 V VOL + 0.15 V VOH – 0.15 V 0 V VCC 0 V 0 V tw VCC VCC VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PULSE DURATION VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES Timing Input Data Input Input tpd tPLZ/tPZL tPHZ/tPZH Open 2 × VCC GND TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns. D. The outputs are measured one at a time with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPLH and tPHL are the same as tpd. 0 V VCC VCC/2 tPHL VCC/2 VCC/2 VCC 0 V VOH VOL Input Output VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VCC/2 VCC/2 tPLH 2 × VCC VCC Figure 1. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - SN74ALVCH16821 |
|
유사한 설명 - SN74ALVCH16821 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |