전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVCH16721DL 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALVCH16721DL
상세설명  3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH16721DL 데이터시트(HTML) 5 Page - Texas Instruments

  SN74ALVCH16721DL Datasheet HTML 1Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 2Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 3Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 4Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 5Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 6Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 7Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 8Page - Texas Instruments SN74ALVCH16721DL Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN74ALVCH16721
3.3-V 20-BIT FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES052D – JULY 1995 – REVISED FEBRUARY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figures 1 through 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MIN
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
MHz
tpd
CLK
Q
1
5.6
1
5.1
1
4.3
ns
ten
OE
Q
1
6.1
1
5.8
1
4.8
ns
tdis
OE
Q
1
5.5
1
4.7
1
4.4
ns
† This information was not available at the time of publication.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
UNIT
PARAMETER
TEST CONDITIONS
TYP
TYP
TYP
UNIT
C d
Power dissipation
Outputs enabled
CL =50 pF
f=10MHz
55
59
pF
Cpd
capacitance
Outputs disabled
CL = 50 pF,
f = 10 MHz
46
49
pF
† This information was not available at the time of publication.


유사한 부품 번호 - SN74ALVCH16721DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCH16721DL TI1-SN74ALVCH16721DL Datasheet
371Kb / 16P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16721DLR TI1-SN74ALVCH16721DLR Datasheet
371Kb / 16P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALVCH16721DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVCH162721 TI1-SN74ALVCH162721_08 Datasheet
345Kb / 14P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH162721 TI-SN74ALVCH162721 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16721 TI1-SN74ALVC16721 Datasheet
137Kb / 8P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16721 TI1-SN74ALVCH16721_08 Datasheet
371Kb / 16P
[Old version datasheet]   3.3-V 20-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16821 TI-SN74ALVCH16821 Datasheet
134Kb / 10P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16821 TI1-SN74ALVC16821 Datasheet
192Kb / 11P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16821 TI-SN74ALVCH16821_08 Datasheet
312Kb / 12P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162721 HITACHI-HD74ALVCH162721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16721 RENESAS-HD74ALVCH16721 Datasheet
241Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
HD74ALVCH162721 RENESAS-HD74ALVCH162721 Datasheet
251Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com