전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B-13-15-622-TPM-SST4A-60 데이터시트(PDF) 7 Page - Source Photonics, Inc.

부품명 B-13-15-622-TPM-SST4A-60
상세설명  622 Mbps Bi-directional Single Fiber Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SOURCE [Source Photonics, Inc.]
홈페이지  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

B-13-15-622-TPM-SST4A-60 데이터시트(HTML) 7 Page - Source Photonics, Inc.

  B-13-15-622-TPM-SST4A-60 Datasheet HTML 1Page - Source Photonics, Inc. B-13-15-622-TPM-SST4A-60 Datasheet HTML 2Page - Source Photonics, Inc. B-13-15-622-TPM-SST4A-60 Datasheet HTML 3Page - Source Photonics, Inc. B-13-15-622-TPM-SST4A-60 Datasheet HTML 4Page - Source Photonics, Inc. B-13-15-622-TPM-SST4A-60 Datasheet HTML 5Page - Source Photonics, Inc. B-13-15-622-TPM-SST4A-60 Datasheet HTML 6Page - Source Photonics, Inc. B-13-15-622-TPM-SST4A-60 Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
622 Mbps Bi-directional Single Fiber Transceiver
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS830-Jul2105
rev. A.1
LUMINENTOIC.COM
B-13/15-622-TPM(3)-SXX4(A)-60
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static free environment is highly recommended. Follow
guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or indirect radiation.
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at LuminentOIC’s sole and absolute discretion. LuminentOIC warrants performance
of its products to current specifications only in accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary” are
given to describe components only, and LuminentOIC expressly disclaims any and all warranties for said products, including express, implied, and statutory warran-
ties, warranties of merchantability, fitness for a particular purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of
Sale for further warranty information.
LuminentOIC assumes no liability for applications assistance, customer product design, software performance, or infringement of patents, services, or intellectual
property described herein. No license, either express or implied, is granted under any patent right, copyright, or intellectual property right, and LuminentOIC makes
no representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual property rights. Products described in this docu-
ment are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. LuminentOIC customers
using or selling products for use in such applications do so at their own risk and agree to fully defend and indemnify LuminentOIC for any damages resulting from
such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees that LuminentOIC is not liable for any
actual, consequential, exemplary, or other damages arising directly or indirectly from any use of the information contained in this document. Customer must contact
LuminentOIC to obtain the latest version of this publication to verify, before placing any order, that the information contained herein is current.
© LuminentOIC, Inc. 2003
All rights reserved
Warnings
Legal Notice
Ordering Information
B - 13/15 - 622 - TPM(3) - S XX TxPower
Temperature -60
• Wavelength
Tx Wavelength=1310nm
Rx Wavelength=1550nm
• Communication protocol
(622 Mbps)
• Connector options
SC/FC/ST/MU
• TPM = +5V Transceiver
TPM3 = +3.3 V Transceiver
• Single mode fiber
• Temperature
Blank = Commercial Temperature (0 to 70
℃)
A = Industrial Temperatuure (-40 to 85
℃)
Available Options:
B-13/15-622-TPM-SSC4(A)-60
B-13/15-622-TPM-SST4(A)-60
B-13/15-622-TPM-SFC4(A)-60
B-13/15-622-TPM-SMU4(A)-60
Part numbering Definition:
B-13/15-622-TPM3-SSC4(A)-60
B-13/15-622-TPM3-SST4(A)-60
B-13/15-622-TPM3-SFC4(A)-60
B-13/15-622-TPM3-SMU4(A)-60
• Tx Power range
4= -3 to +2 dBm
• -60 : fiber length = 660mm ±20mm


유사한 부품 번호 - B-13-15-622-TPM-SST4A-60

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
B-13-15-622-TPM-SST-60 SOURCE-B-13-15-622-TPM-SST-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
More results

유사한 설명 - B-13-15-622-TPM-SST4A-60

제조업체부품명데이터시트상세설명
logo
Source Photonics, Inc.
B-13-15-622-TDFB-SSC SOURCE-B-13-15-622-TDFB-SSC Datasheet
1Mb / 7P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-15-622-TPM-SSC-60 SOURCE-B-13-15-622-TPM-SSC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-15-622-TDPM-SSC-60 SOURCE-B-15-622-TDPM-SSC-60 Datasheet
605Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-15-622-TDPM-SSC4-60 SOURCE-B-15-622-TDPM-SSC4-60 Datasheet
614Kb / 6P
   622 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM3-S SOURCE-B-13-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM-S SOURCE-B-15-155-TPM-S Datasheet
728Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-13-155S-TPM3-SSC4-54 SOURCE-B-15-13-155S-TPM3-SSC4-54 Datasheet
549Kb / 7P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TPM-S SOURCE-B-13-155-TPM-S Datasheet
920Kb / 5P
   155 Mbps Bi-directional Single Fiber Transceiver
B-15-155-TPM3-S SOURCE-B-15-155-TPM3-S Datasheet
1Mb / 6P
   155 Mbps Bi-directional Single Fiber Transceiver
B-13-155-TDFB-SSC5-40 SOURCE-B-13-155-TDFB-SSC5-40 Datasheet
579Kb / 7P
   155 Mbps Bi-directional Receptacle Single Fiber Transceiver
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com