전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74BCT2245N 데이터시트(PDF) 10 Page - Texas Instruments

부품명 SN74BCT2245N
상세설명  OCTAL TRANSCEIVER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT2245N 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN74BCT2245N Datasheet HTML 3Page - Texas Instruments SN74BCT2245N Datasheet HTML 4Page - Texas Instruments SN74BCT2245N Datasheet HTML 5Page - Texas Instruments SN74BCT2245N Datasheet HTML 6Page - Texas Instruments SN74BCT2245N Datasheet HTML 7Page - Texas Instruments SN74BCT2245N Datasheet HTML 8Page - Texas Instruments SN74BCT2245N Datasheet HTML 9Page - Texas Instruments SN74BCT2245N Datasheet HTML 10Page - Texas Instruments SN74BCT2245N Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DB (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
4040065 /E 12/01
28 PINS SHOWN
Gage Plane
8,20
7,40
0,55
0,95
0,25
38
12,90
12,30
28
10,50
24
8,50
Seating Plane
9,90
7,90
30
10,50
9,90
0,38
5,60
5,00
15
0,22
14
A
28
1
20
16
6,50
6,50
14
0,05 MIN
5,90
5,90
DIM
A MAX
A MIN
PINS **
2,00 MAX
6,90
7,50
0,65
M
0,15
0
°–8°
0,10
0,09
0,25
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-150


유사한 부품 번호 - SN74BCT2245N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT2240 TI-SN74BCT2240 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240 TI1-SN74BCT2240 Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240DB TI-SN74BCT2240DB Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240DBLE TI1-SN74BCT2240DBLE Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2240DBR TI1-SN74BCT2240DBR Datasheet
252Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND LINE/MOS DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74BCT2245N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALS2541 TI-SN74ALS2541 Datasheet
78Kb / 5P
[Old version datasheet]   OCTAL LINE DRIVER/MOS DRIVER WITH 3-STATE OUTPUTS
SN74BCT2241 TI-SN74BCT2241_07 Datasheet
369Kb / 12P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN74BCT2241 TI-SN74BCT2241 Datasheet
326Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2240 TI1-SN64BCT2240 Datasheet
88Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN74ALS2240 TI-SN74ALS2240 Datasheet
82Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2241 TI1-SN64BCT2241 Datasheet
87Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN64BCT2244 TI1-SN64BCT2244 Datasheet
87Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE/MOS DRIVER WITH 3-STATE OUTPUTS
SN54ALS2540 TI-SN54ALS2540 Datasheet
135Kb / 5P
[Old version datasheet]   OCTAL LINE DRIVER/MOS DRIVEERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com