전자부품 데이터시트 검색엔진 |
|
SN74BCT756 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
SN74BCT756 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 5 page SN74BCT756 OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS SCBS056B – OCTOBER 1990 – REVISED JULY 1997 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) 1 2 18 1OE 1A1 1Y1 4 16 1A2 1Y2 6 14 1A3 1Y3 8 12 1A4 1Y4 19 11 9 2OE 2A1 2Y1 13 7 2A2 2Y2 15 5 2A3 2Y3 17 3 2A4 2Y4 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current range, II –30 mA to 5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the disabled or power-off state, VO –0.5 V to 5.5 V . . . . . . . . . . . . . . . . Voltage range applied to any output in the high state, VO –0.5 V to VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current into any output in the low state 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 1): DW package 97 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 67 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The package thermal impedance is calculated in accordance with JESD 51. recommended operating conditions MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 V VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V VOH High-level output voltage 5.5 V IIK Input clamp current –18 mA IOL Low-level output current 64 mA TA Operating free-air temperature 0 70 °C |
유사한 부품 번호 - SN74BCT756 |
|
유사한 설명 - SN74BCT756 |