전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSB0602330MZF 데이터시트(PDF) 2 Page - Superworld Electronics

부품명 SSB0602330MZF
상세설명  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUPERWORLD [Superworld Electronics]
홈페이지  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSB0602330MZF 데이터시트(HTML) 2 Page - Superworld Electronics

  SSB0602330MZF Datasheet HTML 1Page - Superworld Electronics SSB0602330MZF Datasheet HTML 2Page - Superworld Electronics SSB0602330MZF Datasheet HTML 3Page - Superworld Electronics SSB0602330MZF Datasheet HTML 4Page - Superworld Electronics SSB0602330MZF Datasheet HTML 5Page - Superworld Electronics SSB0602330MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSB0602 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
2.00
1.35
1.10
1.60
0.75
0.50
0.65
0.30
0.25
0.40
0.95
0.18
0.13
0.16
0.09
0.11
0.20
10000
SSB0602681MZF
680.0±20%
1V / 100K
SSB0602102MZF
1000.0±20%
1V / 100K
15500
SSB06022R2MZF
SSB06024R7MZF
SSB06026R8MZF
SSB06023R3MZF
SSB0602150MZF
SSB0602330MZF
SSB0602220MZF
SSB0602680MZF
SSB0602101MZF
SSB0602470MZF
SSB0602100MZF
SSB0602221MZF
SSB0602471MZF
SSB0602331MZF
SSB0602151MZF
150.0±20%
330.0±20%
470.0±20%
220.0±20%
68.0±20%
100.0±20%
47.0±20%
2300
1V / 100K
1V / 100K
1V / 100K
1V / 100K
4800
7200
3200
1V / 100K
1V / 100K
1V / 100K
870
1500
650
22.0±20%
33.0±20%
15.0±20%
10.0±20%
6.8±20%
4.7±20%
2.2±20%
3.3±20%
1V / 100K
1V / 100K
1V / 100K
1V / 100K
480
330
240
170
1V / 100K
1V / 100K
1V / 100K
1V / 100K
85
120
45
70
IDC
Max.
( A )
2.50
2.30
SSB06021R0MZF
SSB06021R5MZF
Part No.
1.0±20%
1.5±20%
Inductance
( µH )
RDC
1V / 100K
1V / 100K
30
35
( m )
Max.
( Hz )
Frequency
Test


유사한 부품 번호 - SSB0602330MZF

제조업체부품명데이터시트상세설명
logo
Superworld Electronics
SSB0603 SUPERWORLD-SSB0603 Datasheet
485Kb / 6P
   SMD POWER INDUCTORS
SSB0603100MZF SUPERWORLD-SSB0603100MZF Datasheet
485Kb / 6P
   SMD POWER INDUCTORS
SSB0603101MZF SUPERWORLD-SSB0603101MZF Datasheet
485Kb / 6P
   SMD POWER INDUCTORS
SSB0603102MZF SUPERWORLD-SSB0603102MZF Datasheet
485Kb / 6P
   SMD POWER INDUCTORS
SSB0603120MZF SUPERWORLD-SSB0603120MZF Datasheet
485Kb / 6P
   SMD POWER INDUCTORS
More results

유사한 설명 - SSB0602330MZF

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com