전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74F125N 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74F125N
상세설명  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74F125N 데이터시트(HTML) 3 Page - Texas Instruments

  SN74F125N Datasheet HTML 1Page - Texas Instruments SN74F125N Datasheet HTML 2Page - Texas Instruments SN74F125N Datasheet HTML 3Page - Texas Instruments SN74F125N Datasheet HTML 4Page - Texas Instruments SN74F125N Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN74F125
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SDFS016A – D3211, JANUARY 1989 – REVISED OCTOBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–3
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
A
Y
1.2
3.6
6
1.2
6.5
ns
tPHL
A
Y
2.2
5.1
7.5
2.2
8
ns
tPZH
OE
Y
2.7
5.1
7.5
2.7
8.5
ns
tPZL
OE
Y
3.2
5.6
8
3.2
9
ns
tPHZ
OE
Y
1
3.1
5
1
6
ns
tPLZ
OE
Y
1
3.1
5.5
1
6
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and waveforms are shown in Section 1.


유사한 부품 번호 - SN74F125N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74F125N TI-SN74F125N Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
SN74F125NE4 TI-SN74F125NE4 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
SN74F125NSR TI-SN74F125NSR Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
SN74F125NSRE4 TI-SN74F125NSRE4 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
More results

유사한 설명 - SN74F125N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_07 Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com