전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74FB1650 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74FB1650
상세설명  18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74FB1650 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74FB1650 Datasheet HTML 2Page - Texas Instruments SN74FB1650 Datasheet HTML 3Page - Texas Instruments SN74FB1650 Datasheet HTML 4Page - Texas Instruments SN74FB1650 Datasheet HTML 5Page - Texas Instruments SN74FB1650 Datasheet HTML 6Page - Texas Instruments SN74FB1650 Datasheet HTML 7Page - Texas Instruments SN74FB1650 Datasheet HTML 8Page - Texas Instruments SN74FB1650 Datasheet HTML 9Page - Texas Instruments SN74FB1650 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN74FB1650
18BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
SCBS178O − AUGUST 1992 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
AI
B
1.8
3.7
5.3
1.8
6.2
ns
tPHL
AI
B
2.9
4.4
6
2.9
7.2
ns
tPLH
LEAB
B
2.7
4.2
5.8
2.7
6.4
ns
tPHL
LEAB
B
3.5
5
6.5
3.5
7.3
ns
tPLH
CLKAB
B
2.3
3.9
5.5
2.3
6
ns
tPHL
CLKAB
B
2.9
4.5
6.1
2.9
6.7
ns
tPLH
B
AO
3.5
5.9
7.9
3.5
8.6
ns
tPHL
B
AO
2.2
3.7
5.3
2.2
5.7
ns
tPLH
LEBA
AO
1.8
3.2
4.6
1.8
5.1
ns
tPHL
LEBA
AO
1.7
3
4.4
1.7
4.7
ns
tPLH
CLKBA
AO
1.8
3.1
4.6
1.8
5.1
ns
tPHL
CLKBA
AO
1.7
3.1
4.6
1.7
4.9
ns
tPLH
OEB
B
2.7
4.6
6.4
2.7
6.7
ns
tPHL
OEB
B
2.9
4.1
5.9
2.9
6.6
ns
tPLH
OEB
B
2.6
4.3
6.2
2.6
6.6
ns
tPHL
OEB
B
3.4
4.6
6.4
3.4
7
ns
tPZH
OEA
AO
1.4
2.9
4.4
1.4
4.9
ns
tPZL
OEA
AO
1.4
2.6
4
1.4
4.6
ns
tPHZ
OEA
AO
1.7
3.4
5.1
1.7
5.8
ns
tPLZ
OEA
AO
2.2
3.6
5
2.2
5.5
ns
tPZH
OEA
AO
1.7
3.3
4.7
1.7
5.5
ns
tPZL
OEA
AO
1.7
3.1
4.4
1.7
5.1
ns
tPHZ
OEA
AO
1.5
2.9
4.5
1.5
5.1
ns
tPLZ
OEA
AO
2
3.1
4.6
2
4.8
ns
tsk(p)†
Pulse skew, AI to B or B to AO
1
ns
tsk(o)†
Output skew, AI to B or B to AO
0.5
ns
tt
B outputs (1.3 V to 1.8 V)
0.9
1.7
3.1
0.5
4.6
ns
tt
Transition time
AO outputs (10% to 90%)
0.5
2
3.6
0.4
4.2
ns
t(pr)
B-port input pulse rejection
1
1
ns
† Skew values are applicable for through mode only.


유사한 부품 번호 - SN74FB1650

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651PCA TI-SN74FB1651PCA Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651PCA TI-SN74FB1651PCA Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651_06 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
More results

유사한 설명 - SN74FB1650

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651_06 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
logo
Integrated Device Techn...
IDT74GTLP16612 IDT-IDT74GTLP16612 Datasheet
74Kb / 8P
   CMOS 18-BIT TTL/GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP16612 FAIRCHILD-GTLP16612 Datasheet
69Kb / 9P
   CMOS 18-Bit TTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74FB1653 TI-SN74FB1653 Datasheet
201Kb / 12P
[Old version datasheet]   17-BIT LVTTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com