전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74723-0001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 74723-0001
상세설명  SFP Ganged Cages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74723-0001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  74723-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 74723-0001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
SFP Ganged Cages
1-by-2 Series 74722
1-by-4 Series 73927
1-by-5 Series 74723
1-by-6 Series 74747
The SFP Ganged cages are multi-port cages, developed
to meet the market need for higher packaging density.
The result is greater PCB space savings in belly-to-belly
configurations versus single cage applications.
The Ganged Cages are tooled in 1-by-2, 1-by-4, 1-by-5
and 1-by-6 versions with press-fit and solder-post tails.
The rugged metal cage design is based on the Small
Form-factor transceiver Multi-Source Agreement. They
also incorporate a compliant, elastomeric 360° gasket
and multiple ground pin locations for EMI containment.
Features and Benefits
I Small form-factor design offers significant PCB width
savings over the single cage solution
I 360° conductive elastomeric gasket and multiple
ground pin locations provide advanced EMI (Electro
Magnetic Interference) shielding to the bezel
I Press-fit tails accommodate belly-to-belly
applications ensure better use of PCB realestate
I Accepts copper and optical SFP modules for Fibre
Channel and Gigabit Ethernet applications to provide
module versatility
1-by-2, 1-by-4 and 1-by-5 shown
Meet higher density packaging requirements with Molex’s broad offering of SFP Ganged Cages
Reference Information
Packaging: Tray
Physical
Housing: Nickel-Silver Alloy
PCB Thickness:
Press-fit: 1.57mm (.062”) Singe Side
3.00mm (.118”) Double Side
Solder Post: 1.57mm (.062”) Singe Side
3.81mm (.150”) Double Side
Operating Temperature: -55 to +105° C
1-by-2 SFP Ganged Cage
1-by-4 SFP Ganged Cage
1-by-5 SFP Ganged Cage
1-by-6 SFP Ganged Cage


유사한 부품 번호 - 74723-0001

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
747235-000 TEC-747235-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
More results

유사한 설명 - 74723-0001

제조업체부품명데이터시트상세설명
logo
Bel Fuse Inc.
SS-79100-004 BEL-SS-79100-004 Datasheet
669Kb / 2P
   SFP Cages
logo
Samtec, Inc
SFPK-PF-TR SAMTEC-SFPK-PF-TR Datasheet
369Kb / 1P
   SFP CAGES CAGE/CONNECTOR KITS
SFPC-SL SAMTEC-SFPC-SL Datasheet
678Kb / 1P
   SFP CAGES & CAGE/CONNECTOR KITS
logo
Molex Electronics Ltd.
0747230001 MOLEX1-0747230001 Datasheet
33Kb / 1P
   1-by-5 SFP Ganged Cage, Elastomeric Gasket, Press-fit
0747280415 MOLEX1-0747280415 Datasheet
27Kb / 1P
   1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit
0747220001 MOLEX1-0747220001 Datasheet
26Kb / 1P
   1-by-2 SFP Ganged Cage, Elastomeric Gasket, Press-fit
0747540612 MOLEX1-0747540612 Datasheet
44Kb / 1P
   SFP Cage, 1-by-6 Ganged, Elastomer Bezel Gasket, Rear EMI Spring Fingers
0747280420 MOLEX1-0747280420 Datasheet
30Kb / 1P
   1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit, Pre-Plated Nickel
0747220004 MOLEX1-0747220004 Datasheet
35Kb / 1P
   1-by-2 SFP Ganged Cage, Elastomeric Gasket, Press-fit, Pre-Plated Nickel
0747280416 MOLEX1-0747280416 Datasheet
28Kb / 1P
   1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit, Without Light Pipes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com