전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74FB1653PCAG4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN74FB1653PCAG4
상세설명  17-BIT LVTTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74FB1653PCAG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74FB1653PCAG4 Datasheet HTML 4Page - Texas Instruments SN74FB1653PCAG4 Datasheet HTML 5Page - Texas Instruments SN74FB1653PCAG4 Datasheet HTML 6Page - Texas Instruments SN74FB1653PCAG4 Datasheet HTML 7Page - Texas Instruments SN74FB1653PCAG4 Datasheet HTML 8Page - Texas Instruments SN74FB1653PCAG4 Datasheet HTML 9Page - Texas Instruments SN74FB1653PCAG4 Datasheet HTML 10Page - Texas Instruments SN74FB1653PCAG4 Datasheet HTML 11Page - Texas Instruments SN74FB1653PCAG4 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SN74FB1653
17BIT LVTTL/BTL UNIVERSAL STORAGE TRANSCEIVER
WITH BUFFERED CLOCK LINE
SCBS702H − AUGUST 1997 − REVISED MARCH 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC(5 V) = 5 V ± 0.5 V and VCC(3.3 V) = 3.3 V (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
fmax
90
MHz
tPLH
AI
B
1.8
6.2
ns
tPHL
AI
B
2.9
6.6
ns
tPLH
LEAB
B
2.7
6.9
ns
tPHL
LEAB
B
3.5
7.3
ns
tPLH
CLKAB
B
2.3
6.4
ns
tPHL
CLKAB
B
2.9
6.7
ns
tPLH
2CLKAB
2CLKAB
2.3
6
ns
tPHL
2CLKAB
(no delay)
2CLKAB
2.9
6.7
ns
tPLH
2CLKAB
2CLKAB
4.5
9.5
ns
tPHL
2CLKAB
(delay2)
2CLKAB
4.5
9.5
ns
tPLH
2CLKAB
2CLKAB
9.3
15.4
ns
tPHL
2CLKAB
(delay3)
2CLKAB
9.3
15.4
ns
tPLH
B
AO
2
6.5
ns
tPHL
B
AO
2
6.5
ns
tPLH
LEBA
AO
1.8
6.3
ns
tPHL
LEBA
AO
1.8
6.3
ns
tPLH
CLKBA
AO
1.8
6.3
ns
tPHL
CLKBA
AO
1.8
6.3
ns
tPLH
2CLKAB
2CLK
5.7
12.3
ns
tPHL
2CLKAB
(delay1)
2CLK
5.7
12.3
ns
tPLH
2CLKAB
2CLK
2
6.5
ns
tPHL
2CLKAB
(no delay)
2CLK
2
6.5
ns
tPLH
OEB or OEB
B
2.6
7
ns
tPHL
OEB or OEB
B
2.6
7
ns
tPZH
OEA or OEA
AO
1.4
5.5
ns
tPZL
OEA or OEA
AO
1.4
5.5
ns
tPHZ
OEA or OEA
AO
1.4
6.5
ns
tPLZ
OEA or OEA
AO
1.4
5.8
ns
tsk(p)†
Pulse skew, AI to B or B to AO
1.6
ns
tsk(p)†
Pulse skew, 2CLKAB to 2CLK
1.8
ns
tsk(p)
Pulse skew, CLKAB to B or CLKBA to AO
1.5
ns
tsk(p)
Pulse skew, CLKAB to 2CLKAB
1.4
ns
tsk(HL), tsk(LH)†
Output skew, AI to B or B to AO
1
ns
tsk(o)‡
Output skew, nondelayed mode for 2CLKAB, CLKAB to AO
1
ns
tsk(o)‡
Output skew, nondelayed mode for 2CLKAB, CLKAB to B and 2CLKAB
1
ns
tsk(o)‡
Output skew, nondelayed mode for 2CLKAB, CLKAB to B and 2CLKAB
1.5
ns
tt
Transition time, B outputs (1.3 V to 1.8 V)
0.5
4.6
ns
tt
Transition time, AO outputs (10% to 90%)
0.4
4.2
ns
tPR
B-port input pulse rejection
1
ns
† Skew values are applicable for through mode only, with single-output switching.
‡ Skew values are applicable for CLK mode only, with all outputs simultaneously switching high-to-low or low-to-high.


유사한 부품 번호 - SN74FB1653PCAG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB1650 TI-SN74FB1650 Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
SN74FB1650PCA TI-SN74FB1650PCA Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
SN74FB1650PCAG4 TI-SN74FB1650PCAG4 Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
More results

유사한 설명 - SN74FB1653PCAG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB1651 TI-SN74FB1651_06 Datasheet
199Kb / 12P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
SN74FB1651 TI-SN74FB1651 Datasheet
135Kb / 10P
[Old version datasheet]   17-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER WITH BUFFERED CLOCK LINE
logo
Fairchild Semiconductor
GTLP17T616 FAIRCHILD-GTLP17T616 Datasheet
93Kb / 10P
   17-Bit LVTTL/GTLP Bus Transceiver with Buffered Clock
logo
Texas Instruments
SN74GTL16616 TI-SN74GTL16616_06 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74FB1650 TI-SN74FB1650 Datasheet
157Kb / 10P
[Old version datasheet]   18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER
SN74GTLPH32916 TI1-SN74GTLPH32916 Datasheet
397Kb / 18P
[Old version datasheet]   34-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
logo
Fairchild Semiconductor
GTLP16616 FAIRCHILD-GTLP16616 Datasheet
72Kb / 10P
   17-Bit TTL/GTLP Bus Transceiver with Buffered Clock
GTLP16617 FAIRCHILD-GTLP16617 Datasheet
74Kb / 10P
   17-Bit TTL/GTLP Synchronous Bus Transceiver with Buffered Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com