전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74FB2033ARCR 데이터시트(PDF) 6 Page - Texas Instruments

부품명 SN74FB2033ARCR
상세설명  8-BIT TTL/BTL REGISTERED TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74FB2033ARCR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74FB2033ARCR Datasheet HTML 2Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 3Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 4Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 5Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 6Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 7Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 8Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 9Page - Texas Instruments SN74FB2033ARCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN74FB2033A
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SCBS174M – NOVEMBER 1991 – REVISED SEPTEMBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current range, VI: Except B port
–1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
B port
–1.2 V to 3.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any B output in the disabled or power-off state, VO
–0.5 V to 3.5 V
. . . . . . . . . . . . . .
Voltage range applied to any output in the high state, VO: A port
–0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK: Except B port
–40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
B port
–18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current applied to any single output in the low state, IO: A port
48 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1)
44
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC,
BG VCC
Supply voltage
4.75
5
5.25
V
BIAS VCC
Supply voltage
4.5
5
5.5
V
VIH
High level input voltage
B port
1.62
2.3
V
VIH
High-level input voltage
Except B port
2
V
VIL
Low level input voltage
B port
0.75
1.47
V
VIL
Low-level input voltage
Except B port
0.8
V
IOH
High-level output current
AO port
–3
mA
IOL
Low level output current
AO port
24
mA
IOL
Low-level output current
B port
100
mA
∆t/∆v
Input transition rise or fall rate
Except B port
10
ns/V
TA
Operating free-air temperature
0
70
°C
NOTE 2: To ensure proper device operation, all unused inputs must be terminated as follows: A and control inputs to VCC(5 V) or GND, and
B inputs to GND only. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


유사한 부품 번호 - SN74FB2033ARCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB2033ARCR TI1-SN74FB2033ARCR Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCRG3 TI1-SN74FB2033ARCRG3 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results

유사한 설명 - SN74FB2033ARCR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
[Old version datasheet]   8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
[Old version datasheet]   8-BIT TTL/BTL TRANSCEIVER
SN74FB2041A TI-SN74FB2041A Datasheet
149Kb / 10P
[Old version datasheet]   7-BIT TTL/BTL TRANSCEIVER
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT TTL/BTL COMPETITION TRANSCEIVER
logo
NXP Semiconductors
FBL2033 PHILIPS-FBL2033 Datasheet
150Kb / 14P
   3.3V BTL 8-bit latched/registered/pass-thru universal transceiver
1999 Apr 15
logo
Texas Instruments
CY5474FCT646T TI-CY5474FCT646T Datasheet
76Kb / 8P
[Old version datasheet]   8-Bit Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com