전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-381LF 데이터시트(PDF) 2 Page - Protech Systems Co., Ltd.

부품명 LB-381LF
상세설명  VIA Mark Embedded Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
홈페이지  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

LB-381LF 데이터시트(HTML) 2 Page - Protech Systems Co., Ltd.

  LB-381LF Datasheet HTML 1Page - Protech Systems Co., Ltd. LB-381LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VIA Mark Processor
533/800MHz
Mark + VT82C686B (FSB : 133MHz)
1 x 168-pin DIMM, support PC100/133 SDRAM
up to 512MB
Phoenix-Award PnP BIOS, with VGA BIOS
16 level Watchdog timer selectable w / Reset / NMI
Support AT / ATX power
+5V, +12V, -12V
(Note: power module does not have enough power to support any addion cards)
+5V: 3A / +12V: 0.17A (VIA Mark 800MHz)
+5V: 2.5A / +12V: 0.14A (VIA Mark 400MHz)
203mm x 146mm (7.99" x 5.75")
Built-in VIA Mark, share system memory
Supports CRT, TTL & LVDS
18/24-bit TTL, 18/36-bit LVDS
VIA Mark Embedded Board w / VGA / Audio / 2LAN
LB-381LF
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
IrDA
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Parallel Port
IrDA
Specifications
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
LB-381LF-C800
LB-381LF-C533
Certificate: CE, FCC, CLASS A
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
LB-381LF-C800
LB-381LF-C533
Certificate: CE, FCC, CLASS A
4-pin header with mini DIN cable
4-pin header with mini DIN cable
LAN 1 : Realtek RTL8110S (10/100/1000Mbps)
LAN 2 : Realtek RTL8110S (10/100/1000Mbps)
Supports Wake-on-LAN wtih ATX power
AC '97 Codec, Realtek ALC202A with Line-in / Line-out / MIC
4 x USB 1.1
0°~60°C(32°~140°F)
-40°~85°C(-40°~185°F)
Operation humidity 20~90%,
Storage humidity 20~95%
1 x 40-pin IDE (UDMA 33/66/100)
1 x 44-pin IDE (UDMA 33/66/100)
1 x compact flash slot (IDE)
1
PCI slot, PC/104, PC/104+
4 x COM ports, COM1/3/4 for RS232,
COM2 for RS232/422/485
(for 16550 compatible type of UART)
1 x parallel (SPP/EPP/ECP)
1 (SIR)
5.25" CPU Card w VIA Mark 800MHz / VGA / Audio
/ LAN x 2 (2 x 10/100/1000Mbps)
5.25" CPU Card w VIA Mark 533MHz / VGA / Audio
/ LAN x 2 (2 x 10/100/1000Mbps)
CPU Type
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in FEB. 2007.
VIA Mark 533MHz
VIA Mark 800MHz
PERFORMANCE & POWER CONSUMPTION
3D Mark 2001 SE
PC Mark 2002
Power Consumption
+5V / +12V
131
387
2.5A/0.14A
Content Creation
Winstone 2001
12.9
901
270
27.7
2.9A/0.17A
VIA Mark
9
16
1
8
VGA
2
1
1
LPT1
14
26
13
1
PCI
FDD1
2
34
1
33
1
A1
B1
C1
D1
A30
B30
C30
D30
1
1
1
1
1
1
9
10
2
1
1
1
1
1
6
5
10
1
COM1
6
5
10
1
COM3
6
5
10
1
COM2
6
5
10
1
COM4
1
A1
B1
C20
D20
A32
B32
1
5
10
6
1
JP1
JP2
JP4
JP16
1
PC104PLUS
FAN1
JP3
PC104
IR1
SSD
MS1
Power Module
INV1
RTL8110S
JP9
RTL8110S
JP17
Winbond
BIOS
JP8
LVDS1
VIA
VT1612A
30
29
1
1
JP11
1
JP7
JP10
Battery
JP5
JP12
2
5
6
2
4
2
2
2
14


유사한 부품 번호 - LB-381LF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LB-300-100 ETC2-LB-300-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-300-100 ETC2-LB-300-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-300-50 ETC2-LB-300-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-300-50 ETC2-LB-300-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
logo
Rohm
LB-302DF ROHM-LB-302DF Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
More results

유사한 설명 - LB-381LF

제조업체부품명데이터시트상세설명
logo
Protech Systems Co., Lt...
EB-381LF PROTECHSYSTEMS-EB-381LF Datasheet
1Mb / 2P
   VIA Mark Mini Board w/vga/audio/lan
PCI-381LF PROTECHSYSTEMS-PCI-381LF Datasheet
339Kb / 2P
   PCI VIA Mark CPU Card
ISA-382LF PROTECHSYSTEMS-ISA-382LF Datasheet
297Kb / 2P
   ISA VIA Mark CPU Card
logo
AAEON Technology
PFM-550S AAEON-PFM-550S Datasheet
220Kb / 1P
   Onboard VIA Mark??533 MHz Processor
logo
BOSER Technology Co., L...
HS-6252 BOSER-HS-6252_1 Datasheet
1Mb / 90P
   VIA C3 800MHz Embedded CPU Industrial Single Board Computer
HS-6253 BOSER-HS-6253_1 Datasheet
1Mb / 80P
   VIA C3 800MHz Embedded CPU Industrial Single Board Computer
logo
AAEON Technology
GENE-6315 AAEON-GENE-6315 Datasheet
309Kb / 1P
   Onboard VIA Mark Series Processors 533/800 MHz
logo
BOSER Technology Co., L...
HS-4610 BOSER-HS-4610 Datasheet
100Kb / 1P
   VIA C7 or V4 Eden processor Embedded Engine Board w/CF
logo
Advantech Co., Ltd.
PCM-9377 ADVANTECH-PCM-9377 Datasheet
1Mb / 3P
   3.5" SBC with VIA Mark, VGA/ LCD/ LVDS/ LAN/ USB
PCM-3375 ADVANTECH-PCM-3375 Datasheet
333Kb / 2P
   VIA Mark CoreFusion??PC/104 Module with VGA/LCD, Ethernet & SSD
24-Mar-2009
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com