전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74695-1002 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 74695-1002
상세설명  2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74695-1002 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  74695-1002 Datasheet HTML 1Page - Molex Electronics Ltd. 74695-1002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES AND SPECIFICATIONS
2.00 by 2.25mm
(.079 by .089") Pitch
5-Row, 6-Row and 8-Row
VHDM-HSD
Module-to-Backplane
Connector System
Modular Construction
Internal Ground Planes
Press Fit Right Angle Receptacle
10 amp Power Blades
8 row Version
Applications
The VHDM-HSD products are used in very high speed,
short rise-time, high circuit count applications connecting
daughtercards to the backplane:
s
Network Switches
s
Routers
s
Computer Servers
s
Telecommunication Equipment
s
Internetworking Devices
ORDERING INFORMATION
Daughtercard Assembly
Configuration
5-Row
6-Row
8-Row
Signal wafers, power modules and guide modules sequentially
assigned by application
VHDM-HSD wafers
74670-XXXX
74880-XXXX
74680-XXXX
Combination of VHDM and VHDM-HSD wafers
74686-XXXX
74886-XXXX
74686-XXXX
Backplane Header
Signal Module Standard Loaded
Pin Height
0.76µm (30µ”) Gold
5-Row
6-Row
8-Row
10-Column
25-Column
10-Column
25-Column
10-Column
25-Column
Open Ended
4.25mm (.167”)
74695-1003
74695-2503
74979-1003
74979-2503
74649-1003
74649-2503
4.75mm (.187”)
74695-1001
74695-2501
74979-1001
74979-2501
74649-1001
74649-2501
5.15mm (.203”)
74695-1004
74695-2504
74979-1004
74979-2504
74649-1004
74649-2504
6.25mm (.266”)
74695-1002
74695-2502
74979-1002
74979-2502
74649-1002
74649-2502
Left Guide Pin
No Polarizing Key
4.25mm (.167”)
74696-1003
74696-2503
74650-1003
74650-2503
4.75mm (.187”)
74696-1001
74696-2501
74650-1001
74650-2501
5.15mm (.203”)
74696-1004
74696-2504
74650-1004
74650-2504
6.25mm (.266”)
74696-1002
74696-2502
74650-1002
74650-2502
Left Guide Pin
“A” Polarizing Key
4.25mm (.167”)
74696-1013
74696-2513
74650-1013
74650-2513
4.75mm (.187”)
74696-1011
74696-2511
74650-1011
74650-2511
5.15mm (.203”)
74696-1014
74696-2514
74650-1014
74650-2514
6.25mm (.266”)
74696-1012
74696-2512
74650-1012
74650-2512
Right Guide Pin
No Polarizing Key
4.25mm (.167”)
74697-1003
74697-2503
74651-1003
74651-2503
4.75mm (.187”)
74697-1001
74697-2501
74651-1001
74651-2501
5.15mm (.203”)
74697-1004
74697-2504
74651-1004
74651-2504
6.25mm (.266”)
74697-1002
74697-2502
74651-1002
74651-2502
Right Guide Pin
“A” Polarizing Key
4.25mm (.167”)
74697-1013
74697-2513
74651-1013
74651-2513
4.75mm (.187”)
74697-1011
74697-2511
74651-1011
74651-2511
5.15mm (.203”)
74697-1014
74697-2514
74651-1014
74651-2514
6.25mm (.266”)
74697-1012
74697-2512
74651-1012
74651-2512
Backplane Power and Guide Components
5-Row and 6-Row
8-Row
Power Module
74029-6000
74029-8000
Keying Post
74069-0010
74069-0010
Guide Pin
74076-0001/0002
74076-0001/0002
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Visit our Web site at http://www.molex.com/product/backplan/hsd.html
Order No. USA-158 Rev. 2
Printed in USA/2.5K/JI/JI/2003.03
©
2003, Molex
Note: VHDM and VHDM-HSD are trademarks or registered trademarks of Teradyne,Inc.


유사한 부품 번호 - 74695-1002

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74695-1002 MOLEX8-74695-1002 Datasheet
358Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Open Module, 40 Circuits, Pin Length 6.25mm (.246")
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com