전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD-822E 데이터시트(PDF) 2 Page - China Semiconductor Corporation

부품명 CSD-822E
상세설명  0.8 Inch Dual Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINASEMI [China Semiconductor Corporation]
홈페이지  
Logo CHINASEMI - China Semiconductor Corporation

CSD-822E 데이터시트(HTML) 2 Page - China Semiconductor Corporation

  CSD-822E Datasheet HTML 1Page - China Semiconductor Corporation CSD-822E Datasheet HTML 2Page - China Semiconductor Corporation CSD-822E Datasheet HTML 3Page - China Semiconductor Corporation CSD-822E Datasheet HTML 4Page - China Semiconductor Corporation CSD-822E Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.8 inch (20.3mm) digit height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/4
Common Anode
Description
CSD-822E
2. Case mold type.
Model No CSD-822E/823E
Material
Part No.
http://www.csctw.com.tw
PS-ND-08071935
A
Emitted Color
Chip
CSD-823E
Common Cathode
GaAsP/GaP
Orange


유사한 부품 번호 - CSD-822E

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSD-822A9 CHINASEMI-CSD-822A9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822B7 CHINASEMI-CSD-822B7 Datasheet
172Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822G CHINASEMI-CSD-822G Datasheet
173Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822M9 CHINASEMI-CSD-822M9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822S CHINASEMI-CSD-822S Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
More results

유사한 설명 - CSD-822E

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LDD855-6HRFUG-XX-PF LIGITEK-LDD855-6HRFUG-XX-PF Datasheet
175Kb / 10P
   DUAL DIGIT LED DISPLAY (0.8 Inch)
LDD845-6EGR-XX-PF LIGITEK-LDD845-6EGR-XX-PF Datasheet
171Kb / 10P
   DUAL DIGIT LED DISPLAY (0.8 Inch)
logo
PARA LIGHT ELECTRONICS ...
C-801E-PSN PARALIGHT-C-801E-PSN Datasheet
202Kb / 10P
   0.8 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-819VM9 CHINASEMI-CSS-819VM9 Datasheet
231Kb / 8P
   0.8 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-801G-A PARALIGHT-C-801G-A Datasheet
213Kb / 11P
   0.8 INCH SINGLE DIGIT DISPLAY
A-801SR-L35-A PARALIGHT-A-801SR-L35-A Datasheet
197Kb / 10P
   0.8 INCH SINGLE DIGIT DISPLAY
A-801Y-A PARALIGHT-A-801Y-A Datasheet
197Kb / 10P
   0.8 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CST-836T9 CHINASEMI-CST-836T9 Datasheet
179Kb / 5P
   0.8 Inch Triad Digit Display
CST-836M9 CHINASEMI-CST-836M9 Datasheet
179Kb / 5P
   0.8 Inch Triad Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-801G-A PARALIGHT-A-801G-A Datasheet
200Kb / 10P
   0.8 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com