전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD-822S 데이터시트(PDF) 2 Page - China Semiconductor Corporation

부품명 CSD-822S
상세설명  0.8 Inch Dual Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINASEMI [China Semiconductor Corporation]
홈페이지  
Logo CHINASEMI - China Semiconductor Corporation

CSD-822S 데이터시트(HTML) 2 Page - China Semiconductor Corporation

  CSD-822S Datasheet HTML 1Page - China Semiconductor Corporation CSD-822S Datasheet HTML 2Page - China Semiconductor Corporation CSD-822S Datasheet HTML 3Page - China Semiconductor Corporation CSD-822S Datasheet HTML 4Page - China Semiconductor Corporation CSD-822S Datasheet HTML 5Page - China Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHINA
SEMICONDUCTOR
Spec. No.
CORPORATION
Rev.
Features -
1. 0.8 inch (20.3mm) dight height.
3. RoHs compliant.
4. Low power consumption.
5. Easy mounting on P.C. board or socket.
Device Selection Guide -
Package Dimensions -
Page
1/4
CSD-823S
AlGaAs
Super Bright Red
Common Cathode
http://www.csctw.com.tw
PS-ND-08071938
A
Emitted Color
Chip
CSD-822S
2. Case mold type.
Model No CSD-822/823S
AlGaAs
Super Bright Red
Material
Part No.
Common Anode
Description


유사한 부품 번호 - CSD-822S

제조업체부품명데이터시트상세설명
logo
China Semiconductor Cor...
CSD-822A9 CHINASEMI-CSD-822A9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822B7 CHINASEMI-CSD-822B7 Datasheet
172Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822E CHINASEMI-CSD-822E Datasheet
173Kb / 5P
   0.8 Inch Dual Digit Display
CSD-822G CHINASEMI-CSD-822G Datasheet
173Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822M9 CHINASEMI-CSD-822M9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
More results

유사한 설명 - CSD-822S

제조업체부품명데이터시트상세설명
logo
PARA LIGHT ELECTRONICS ...
C-802E PARALIGHT-C-802E Datasheet
200Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-822A9 CHINASEMI-CSD-822A9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822G CHINASEMI-CSD-822G Datasheet
173Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822T9 CHINASEMI-CSD-822T9 Datasheet
177Kb / 5P
   0.8 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C-802SR PARALIGHT-C-802SR Datasheet
198Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
A-802SR PARALIGHT-A-802SR Datasheet
199Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-822M9 CHINASEMI-CSD-822M9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822V9 CHINASEMI-CSD-822V9 Datasheet
171Kb / 5P
   0.8 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-802E PARALIGHT-A-802E Datasheet
200Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
A-802G-A PARALIGHT-A-802G-A Datasheet
219Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com