전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74740-0002 데이터시트(PDF) 9 Page - Molex Electronics Ltd.

부품명 74740-0002
상세설명  1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74740-0002 데이터시트(HTML) 9 Page - Molex Electronics Ltd.

Back Button 74740-0002 Datasheet HTML 3Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 4Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 5Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 6Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 7Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 8Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 9Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 10Page - Molex Electronics Ltd. 74740-0002 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1000Base-T RJ-45 Gigabit
Ethernet GBIC Copper
Transceiver
RELIABILITY PREDICTION REPORT
Temperature: 75°C
Assem bly
Name
Part Num ber Failure Rate
MTBF
1000Base-T
Adapter
74740-xxxx
0.309435
3,231,693
Active
Components
0.178609
5,598,828
Passive
Components
0.130827
7,643,711
IMPEDANCE MATCHING AND POWER SUPPLY FILTERING
Signal inputs/outputs on the GBIC transceiver modules are AC coupled and internally terminated to 75 ohms (TD+, TD-, RD+, RD-). Each
leg of the differential pair was equally matched in length. Figure 2 shows the recommended power supply filtering network.
Figure 2: Recommended Host Board Supply Filtering Network
GBIC Module
VccT
VccR
0.1
µF
1.0
µH
0.1
µF
1.0
µH
10
µF
0.1
µF
10
µF
5V


유사한 부품 번호 - 74740-0002

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
7474 FAIRCHILD-7474 Datasheet
51Kb / 5P
   Dual Positive-Edge-Triggered D-Type Flip-Flops with Preset, Clear and Complementary Outputs
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741 MOLEX-74741 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0001 MOLEX-74741-0001 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0002 MOLEX-74741-0002 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
More results

유사한 설명 - 74740-0002

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
74741 MOLEX-74741_04 Datasheet
74Kb / 4P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741 MOLEX-74741 Datasheet
128Kb / 2P
   1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_17 Datasheet
498Kb / 3P
   SFP Copper Transceiver 1000Base-T to GBIC
logo
Finisar Corporation.
FCM-8520-3 FINISAR-FCM-8520-3 Datasheet
165Kb / 7P
   1000BASE-T Copper GBIC Transceivers
FCL-8520-3 FINISAR-FCL-8520-3 Datasheet
151Kb / 7P
   1000BASE-T Copper GBIC Transceivers
FCL-8520 FINISAR-FCL-8520 Datasheet
156Kb / 7P
   1000BASE-T Copper GBIC Transceivers
logo
Broadcom Corporation.
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
   10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com