전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74TVC16222DL 데이터시트(PDF) 9 Page - Texas Instruments

부품명 SN74TVC16222DL
상세설명  22-BIT VOLTAGE CLAMP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74TVC16222DL 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74TVC16222DL Datasheet HTML 5Page - Texas Instruments SN74TVC16222DL Datasheet HTML 6Page - Texas Instruments SN74TVC16222DL Datasheet HTML 7Page - Texas Instruments SN74TVC16222DL Datasheet HTML 8Page - Texas Instruments SN74TVC16222DL Datasheet HTML 9Page - Texas Instruments SN74TVC16222DL Datasheet HTML 10Page - Texas Instruments SN74TVC16222DL Datasheet HTML 11Page - Texas Instruments SN74TVC16222DL Datasheet HTML 12Page - Texas Instruments SN74TVC16222DL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SN74TVC16222A
22BIT VOLTAGE CLAMP
SCDS087G − APRIL 1999 − REVISED APRIL 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VSPASS − Low Reference Voltage − V
VSPASS − Low Reference Voltage − V
VSPASS − Low Reference Voltage − V
Weak
Nominal
Strong
VREF = 2.5 V
VDDREF = 3.3 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
Weak
Nominal
Strong
VREF = 2.5 V
VDDREF = 4 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
Weak
Nominal
Strong
VREF = 2.5 V
VDDREF = 5 V
RDREF = 200 kΩ
RDPASS = 150 Ω
VDDPASS = 3.3 V
−2
−4
−6
−8
−10
−12
−14
−16
−18
−20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
−2
−4
−6
−8
−10
−12
−14
−16
−18
−20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
−2
−4
−6
−8
−10
−12
−14
−16
−18
−20
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Figure 6. V-I Electrical Characteristics at VREF = 2.5 V


유사한 부품 번호 - SN74TVC16222DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74TVC16222DL TI-SN74TVC16222DL Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222DL TI-SN74TVC16222DL Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222DL TI1-SN74TVC16222DL Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222DLR TI-SN74TVC16222DLR Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222DLR TI-SN74TVC16222DLR Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
More results

유사한 설명 - SN74TVC16222DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC16222-1 TI1-SN74TVC16222-1 Datasheet
763Kb / 21P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com