전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54548 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 54548
상세설명  0.30 and 0.50mm Pitch Ultra-low Profile SMT FFC/FPC Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

54548 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  54548 Datasheet HTML 1Page - Molex Electronics Ltd. 54548 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


유사한 부품 번호 - 54548

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
54548-0419 MOLEX11-54548-0419 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
54548-0470 MOLEX11-54548-0470 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
54548-0471 MOLEX7-54548-0471 Datasheet
541Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, 1.20mm (.047") Height, Right Angle, SMTZIF, Bottom Contact Style, 4 Circuits, Lead-free, Gold (Au) Plating
54548-0519 MOLEX11-54548-0519 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
54548-0570 MOLEX11-54548-0570 Datasheet
487Kb / 6P
   0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT
More results

유사한 설명 - 54548

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
687110183722 WURTH-687110183722 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Bottom Contact - Low Profile
687120183722 WURTH-687120183722 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Bottom Contact - Low Profile
687112183622 WURTH-687112183622 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Top Contact - Low Profile
687114183622 WURTH-687114183622 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Top Contact - Low Profile
687122183722 WURTH-687122183722 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Bottom Contact - Low Profile
687126183622 WURTH-687126183622 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Top Contact - Low Profile
687120183622 WURTH-687120183622 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Top Contact - Low Profile
687108183622 WURTH-687108183622 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Top Contact - Low Profile
687106183622 WURTH-687106183622 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Top Contact - Low Profile
687116183722 WURTH-687116183722 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Bottom Contact - Low Profile
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com