전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93070-1001 데이터시트(PDF) 1 Page - Molex Electronics Ltd.

부품명 93070-1001
상세설명  RAST 2.5 Vertical Male Headers 2.50 and 5.00mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

93070-1001 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

  93070-1001 Datasheet HTML 1Page - Molex Electronics Ltd. 93070-1001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
Features and Benefits
SPECIFICATIONS
Reference Information
Packaging: Box
UL File No.: pending
CSA File No.: pending
VDE file No: pending
93070 Mates With: 91716,93050,90871
93071 Mates with: 91717, 93051, 90872, 91627
Electrical
Voltage (max.):
Series 93070: 32V
Series 93071: 250V
Current (max.): 6.0A
Contact Resistance: 10 milliohms max.
Dielectric Withstanding Voltage: 1000V
Insulation Resistance: >109 Ohms
n
Housing material is 750C Glow Wire compatible
and meets European safety standards
n
Housing material is designed to meet UL 94V-0
requirements and meets US safety standards
n
Footprint compatible with competitor’s parts allows
drop-in replacement and no barrier to design in
n
Multiple coding options available allows specific
coding for each header on the PCB
Designed to the European RAST standard, Molex now offers a comprehensive offering of
Glow-Wire compatible RAST connectors and headers for white good applications
RAST, the European standard connector for home
appliances, is now being adopted by appliance
manufacturers. The connector family incorporates a
range for crimp and IDT connectors and PCB headers.
With the addition of the RAST 2.50mm (.098”)
headers, Molex now offers a comprehensive range for
both connectors and headers to our customers.
Series 93070 performs at 32V on a 2.50mm (.098”)
pitch and Series 93071 headers are designed with a
5.00mm (.197”) pitch to perform to 240V. RAST is
an acronym for the German words Raster Anschluss
RAST 2.5 Vertical Male Headers
2.50 and 5.00mm
(.098 and .197”) Pitch
93070 2.50mm (.098”) Pitch
93071 5.00mm (.197”) Pitch
Steck Technik (roughly translated as Pitch Connection
Plug Technology). Generally, RAST is followed by a
numerical value which represents the contact centerline
spacing (in millimeters) for the interconnection.
The RAST vertical header housing material meets the
IEC 60335 Glow-Wire standard for 750C and meets
UL 94V-0 flammability requirements. The header is
designed to the RAST standard interface and can mate
with female connectors from the main RAST suppliers.
For more information on RAST2.5, please visit:
www.molex.com/link/rast25.html.
Mechanical
Contact Retention to Housing: >20N
Physical
Housing: Nylon 6
Contact: Brass
Plating:
Contact Area — 3 to 7µm Tin (Sn)
Solder Tail Area — 3 to 7µm Tin (Sn)
Underplating — 1µm Nickel, (Ni)
PCB Thickness: 1.50mm (.059”) +/-
Operating Temperature: -20 to +120°C
Left: 8-Circuit 2.50mm (.098”) Pitch Header (Series 93070)
Right: 3-Circuit 2.50mm (.098”) Pitch Header (Series 93070)
8-Circuit Header (Series 93070)


유사한 부품 번호 - 93070-1001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
93070-1001 MOLEX11-93070-1001 Datasheet
407Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header
More results

유사한 설명 - 93070-1001

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0930711004 MOLEX11-0930711004 Datasheet
198Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow
0945294107 MOLEX11-0945294107 Datasheet
130Kb / 2P
   5.00mm (.197") Pitch RAST
0930713001 MOLEX11-0930713001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 5 Circuits, Reference K00, Glow Wire
0930716001 MOLEX11-0930716001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 8 Circuits, Reference K00, Glow Wire Compatible
0930711005 MOLEX11-0930711005 Datasheet
198Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow Wire Compatible
0930710001 MOLEX11-0930710001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 2 Circuits, Reference K00, Glow Wire Compatible
0930712001 MOLEX11-0930712001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 4 Circuits, Reference K00, Glow Wire Compatible
0930711001 MOLEX11-0930711001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Reference K00, Glow Wire Compatible
0930715001 MOLEX11-0930715001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 7 Circuits, Reference K00, Glow Wire Compatible
0930714001 MOLEX11-0930714001 Datasheet
199Kb / 4P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 Header, Vertical, 6 Circuits, Reference K00, Glow Wire Compatible
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com