전자부품 데이터시트 검색엔진 |
|
TL750M12C 데이터시트(PDF) 3 Page - Texas Instruments |
|
TL750M12C 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 20 page www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions TL751MxxC Switching Characteristics TL750M SERIES, TL751M SERIES LOW-DROPOUT VOLTAGE REGULATORS SLVS021K – JANUARY 1988 – REVISED OCTOBER 2006 over virtual junction temperature range (unless otherwise noted) MIN MAX UNIT Continuous input voltage 26 V Transient input voltage (see Figure 3) 60 V Continuous reverse input voltage –15 V Transient reverse input voltage t = 100 ms –50 V KC package 22 KTE package 23 θ JA Package thermal impedance(2)(3) KTG package 23 °C/W KTP package 28 KTT package 25.3 TJ Virtual junction temperature range 0 150 °C Lead temperature 1,6 mm (1/16 in) from case for 10 s 260 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variation in individual device electrical characteristics and thermal resistance, the built-in thermal-overload protection may be activated at power levels slightly above or below the rated dissipation. (3) The package thermal impedance is calculated in accordance with JESD 51. MIN MAX UNIT TL75xM05 6 26 TL75xM08 9 26 VI Input voltage V TL75xM10 11 26 TL75xM12 13 26 VIH High-level ENABLE input voltage TL751Mxx 2 15 V VIL Low-level ENABLE input voltage TL751Mxx 0 0.8 V IO Output current TL75xMxxC 750 mA TJ Operating virtual junction temperature TL75xMxxC 0 125 °C V I = 14 V, IO = 300 mA, TJ = 25°C (unless otherwise noted) TL751MxxC PARAMETER UNIT TYP tr Response time, ENABLE to output 50 µs 3 Submit Documentation Feedback |
유사한 부품 번호 - TL750M12C |
|
유사한 설명 - TL750M12C |