전자부품 데이터시트 검색엔진 |
|
TL750M10CKTPR 데이터시트(PDF) 4 Page - Texas Instruments |
|
TL750M10CKTPR 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 20 page www.ti.com TL75xM05C Electrical Characteristics (1) TL75xM08C Electrical Characteristics (1) TL750M SERIES, TL751M SERIES LOW-DROPOUT VOLTAGE REGULATORS SLVS021K – JANUARY 1988 – REVISED OCTOBER 2006 V I = 14 V, IO = 300 mA, ENABLE = 0 V for TL751M05, TJ = 25°C (unless otherwise noted) TL750M05C TL751M05C PARAMETER TEST CONDITIONS UNIT MIN TYP MAX 4.95 5 5.05 Output voltage V TJ = 0°C to 125°C 4.9 5.1 VI = 9 V to 16 V, IO = 250 mA 10 25 Input voltage regulation mV VI = 6 V to 26 V, IO = 250 mA 12 50 Ripple rejection VI = 8 V to 18 V, f = 120 Hz 50 55 dB Output regulation voltage IO = 5 mA to 750 mA 20 50 mV IO = 500 mA 0.5 Dropout voltage V IO = 750 mA 0.6 Output noise voltage f = 10 Hz to 100 kHz 500 µV IO = 750 mA 60 75 Bias current mA IO = 10 mA 5 Bias current (TL751Mxx only) ENABLE ≥ 2 V 200 µA (1) Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.1- µF capacitor across the input and a 10-µF tantalum capacitor on the output, with equivalent series resistance within the guidelines shown in Figure 1. V I = 14 V, IO = 300 mA, ENABLE = 0 V for TL751M08, TJ = 25°C (unless otherwise noted) TL750M08C TL751M08C PARAMETER TEST CONDITIONS UNIT MIN TYP MAX 7.92 8 8.08 Output voltage V TJ = 0°C to 125°C 7.84 8.16 VI = 10 V to 17 V, IO = 250 mA 12 40 Input voltage regulation mV VI = 9 V to 26 V, IO = 250 mA 15 68 Ripple rejection VI = 11 V to 21 V, f = 120 Hz 50 55 dB Output regulation voltage IO = 5 mA to 750 mA 24 80 mV IO = 500 mA 0.5 Dropout voltage V IO = 750 mA 0.6 Output noise voltage f = 10 Hz to 100 kHz 500 µV IO = 750 mA 60 75 Bias current mA IO = 10 mA 5 Bias current (TL751Mxx only) ENABLE ≥ 2 V 200 µA (1) Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.1- µF capacitor across the input and a 10-µF tantalum capacitor on the output, with equivalent series resistance within the guidelines shown in Figure 1. 4 Submit Documentation Feedback |
유사한 부품 번호 - TL750M10CKTPR |
|
유사한 설명 - TL750M10CKTPR |