전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4153 데이터시트(PDF) 1 Page - SynSemi, Inc.

부품명 1N4153
상세설명  HIGH SPEED SWITCHING DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNSEMI [SynSemi, Inc.]
홈페이지  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

1N4153 데이터시트(HTML) 1 Page - SynSemi, Inc.

  1N4153 Datasheet HTML 1Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1N4153
HIGH SPEED SWITCHING DIODE
FEATURES :
• High switching speed: max. 2 ns
• Peak reverse voltage:max. 75 V
• Pb / RoHS Free
MECHANICAL DATA :
Case:
DO-35 Glass Case
Weight:
approx. 0.13g
Maximum Ratings and Thermal Characteristics (Rating at 25 °C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRM
75
V
Maximum Continuous Forward Current
IF
300
mA
Maximum Average Forward Current
IF(AV)
mA
Maximum Peak Forward Current at t = 1s
IFSM
0.25
A
Maximum Power Dissipation
PD
500
mW
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TSTG
-65 to +
200
°C
Electrical Characteristics (TJ = 25 °C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
IR
VR = 50 V
-
-
0.05
µA
VR = 50 V , Tj = 150 °C
-
-
50
µA
Forward Voltage
VF
IF = 50 mA
-
-
0.88
V
Reverse Breakdown Voltage
V(BR)R
IR = 5A (pulsed)
75
-
-
V
Diode Capacitance
Cd
-
-
2.0
pF
IF = 10 mA to IR = 10mA
to IR = 1mA
IF = 10 mA to VR = 6 V
RL = 100 Ω, IR = 1 mA
Page 1 of 1
Rev. 03 : May 9, 2006
-2
ns
Reverse Recovery Time
Trr2
-
--
4
ns
f = 1MHz ; VR = 0
Trr1
150
Test Condition
Reverse Current
Parameter
Maximum Peak Reverse Voltage
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


유사한 부품 번호 - 1N4153

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N4153 SEMTECH-1N4153 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
Digitron Semiconductors
1N4153 DIGITRON-1N4153 Datasheet
91Kb / 1P
   SWITCHING RECTIFIER
logo
Compensated Deuices Inc...
1N4153 CDI-DIODE-1N4153 Datasheet
30Kb / 2P
   SWITCHING DIODES
logo
Central Semiconductor C...
1N4153 CENTRAL-1N4153 Datasheet
77Kb / 1P
   SILICON SWITCHING DIODES
logo
Shanghai Lunsure Electr...
1N4153 CHENYI-1N4153 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
More results

유사한 설명 - 1N4153

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
BAW56HY ROHM-BAW56HY Datasheet
1Mb / 8P
   Switching Diode (High speed switching)
DAN222ZM ROHM-DAN222ZM Datasheet
1Mb / 7P
   Switching Diode (High speed switching)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com