전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4948GPT 데이터시트(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

부품명 1N4948GPT
상세설명  FAST RECOVERY RECTIFIER VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENMKO [Chenmko Enterprise Co. Ltd.]
홈페이지  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

1N4948GPT 데이터시트(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  1N4948GPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 1N4948GPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
1N4942GPT
THRU
1N4948GPT
DO-41
DO-41
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
VOLTAGE RANGE 200 - 1000 Volts
CURRENT 1.0 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ,STG
IFSM
UNITS
Volts
Volts
Volts
Amps
1.0
30
15
-65 to +175
Amps
pF
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
1N4942GPT
200
140
200
1N4946GPT
600
420
600
1N4947GPT
800
560
800
1N4948GPT
1000
700
1000
1N4944GPT
400
280
400
0.034(0.9)
0.028(0.7)
DIA.
0.107(2.7)
0.080(2.0)
0.205(5.2)
0.166(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High switching capability
* Low leakage
* Low forward voltage drop
* High current capability
* Glass passivated junction
* High surge current capability
Case: JEDEC DO-41 molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.35 gram
MECHANICAL DATA
Maximum DC Reverse Current
at Rated DC Blocking Voltage at TA = 25
oC
Maximum Full Load Reverse Current Average,
Full Cycle 0.375" (9.5mm) lead length at TL = 55
oC
CHARACTERISTICS
SYMBOL
UNITS
1.3
5.0
100
uAmps
uAmps
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
VF
250
150
500
nSec
Maximum Reverse Recovery Time (Note 2)
trr
IR
GLASS PASSIVATED
FAST RECOVERY RECTIFIER
1N4942GPT
1N4946GPT 1N4947GPT 1N4948GPT
1N4944GPT


유사한 부품 번호 - 1N4948GPT

제조업체부품명데이터시트상세설명
logo
General Semiconductor
1N4948GP GE-1N4948GP Datasheet
60Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Micro Commercial Compon...
1N4948GP MCC-1N4948GP Datasheet
81Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200 - 1000 Volts
logo
First Components Intern...
1N4948GP FCI-1N4948GP Datasheet
164Kb / 2P
   1.0 Amp FAST SWITCHING MEGARECTIFIERS
logo
Vishay Siliconix
1N4948GP VISHAY-1N4948GP Datasheet
76Kb / 4P
   Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
logo
Shanghai Lunsure Electr...
1N4948GP CHENYI-1N4948GP Datasheet
53Kb / 3P
   1 Amp Glass Passivated Fast Recovery Rectifier 200-1000 Volts
More results

유사한 설명 - 1N4948GPT

제조업체부품명데이터시트상세설명
logo
Chenmko Enterprise Co. ...
BA157PT CHENMKO-BA157PT Datasheet
85Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 - 1000 Volts CURRENT 1.0 Ampere
1N4942PT CHENMKO-1N4942PT Datasheet
88Kb / 2P
   VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
logo
Rectron Semiconductor
FFM10W RECTRON-FFM10W Datasheet
22Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1000 to 1800 Volts CURRENT 1.0 Ampere)
FR101 RECTRON-FR101 Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
BA157 RECTRON-BA157 Datasheet
29Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 400 to 1000 Volts CURRENT 1.0 Ampere
logo
Wing Shing Computer Com...
FR101 WINGS-FR101 Datasheet
297Kb / 2P
   FAST RECOVERY RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
RL101F RECTRON-RL101F Datasheet
25Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
FR101G RECTRON-FR101G Datasheet
257Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RL101FG RECTRON-RL101FG Datasheet
29Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4933GPT CHENMKO-1N4933GPT Datasheet
95Kb / 2P
   FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com