전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC072CDGNR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC072CDGNR
상세설명  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLC072CDGNR 데이터시트(HTML) 5 Page - Texas Instruments

  TLC072CDGNR Datasheet HTML 1Page - Texas Instruments TLC072CDGNR Datasheet HTML 2Page - Texas Instruments TLC072CDGNR Datasheet HTML 3Page - Texas Instruments TLC072CDGNR Datasheet HTML 4Page - Texas Instruments TLC072CDGNR Datasheet HTML 5Page - Texas Instruments TLC072CDGNR Datasheet HTML 6Page - Texas Instruments TLC072CDGNR Datasheet HTML 7Page - Texas Instruments TLC072CDGNR Datasheet HTML 8Page - Texas Instruments TLC072CDGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006
5
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLC070/1/2/3,
25
°C
390
1900
VIO
Input offset voltage
VDD = 5 V,
TLC070/1/2/3,
TLC074/5
Full range
3000
V
VIO
Input offset voltage
VDD = 5 V,
VIC = 2.5 V,
TLC070/1/2/3A,
25
°C
390
1400
µV
VIC = 2.5 V,
VO = 2.5 V,
RS = 50 Ω
TLC070/1/2/3A,
TLC074/5A
Full range
2000
VIO
Temperature coefficient of input
O
RS = 50 Ω
1.2
V/
°C
αVIO
Temperature coefficient of input
offset voltage
1.2
µV/°C
25
°C
0.7
50
IIO
Input offset current
VDD = 5 V,
TLC07XC
Full range
100
pA
IIO
Input offset current
VDD = 5 V,
VIC = 2.5 V,
TLC07XI
Full range
700
pA
VIC = 2.5 V,
VO = 2.5 V,
R
= 50
25
°C
1.5
50
IIB
Input bias current
VO = 2.5 V,
RS = 50 Ω
TLC07XC
Full range
100
pA
IIB
Input bias current
TLC07XI
Full range
700
pA
VICR
Common-mode input voltage
RS = 50 Ω
25
°C
0.5
to
4.2
V
VICR
Common-mode input voltage
RS = 50 Ω
Full range
0.5
to
4.2
V
IOH = − 1 mA
25
°C
4.1
4.3
IOH = − 1 mA
Full range
3.9
IOH = − 20 mA
25
°C
3.7
4
IOH = − 20 mA
Full range
3.5
VOH
High-level output voltage
VIC = 2.5 V
IOH = − 35 mA
25
°C
3.4
3.8
V
VOH
High-level output voltage
VIC = 2.5 V
IOH = − 35 mA
Full range
3.2
V
25
°C
3.2
3.6
IOH = − 50 mA
−40
°C to
85
°C
3
IOL = 1 mA
25
°C
0.18
0.25
IOL = 1 mA
Full range
0.35
IOL = 20 mA
25
°C
0.35
0.39
IOL = 20 mA
Full range
0.45
VOL
Low-level output voltage
VIC = 2.5 V
IOL = 35 mA
25
°C
0.43
0.55
V
VOL
Low-level output voltage
VIC = 2.5 V
IOL = 35 mA
Full range
0.7
V
25
°C
0.48
0.63
IOL = 50 mA
−40
°C to
85
°C
0.7
IOS
Short-circuit output current
Sourcing
25
°C
100
mA
IOS
Short-circuit output current
Sinking
25
°C
100
mA
IO
Output current
VOH = 1.5 V from positive rail
25
°C
57
mA
IO
Output current
VOL = 0.5 V from negative rail
25
°C
55
mA
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.


유사한 부품 번호 - TLC072CDGNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC072CDGNR TI-TLC072CDGNR Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC072CDGNR TI1-TLC072CDGNR Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC072CDGNRG4 TI-TLC072CDGNRG4 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC072CDGNRG4 TI1-TLC072CDGNRG4 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TLC072CDGNR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com