전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1766PT 데이터시트(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

부품명 2SC1766PT
상세설명  NPN Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENMKO [Chenmko Enterprise Co. Ltd.]
홈페이지  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

2SC1766PT 데이터시트(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  2SC1766PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. 2SC1766PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. 2SC1766PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. 2SC1766PT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING CHARACTERISTIC CURVES ( 2SC1766PT )
0
0 . 4
0 . 4
0 . 8
0 . 8
1 . 2
1 . 2
1 . 6
1 . 6
2 . 0
0
COLLECTOR CURRENT IC (A)
Typical Electrical Characteristics
Figure 1. VCE - IC
IB=5mA
10mA
20mA
30mA
40mA
COMMON EMITTER
TA=25
OC
0
0 . 4
0 . 4
0 . 8
0 . 8
1 . 2
1 . 2
1 . 6
1 . 6
2 . 0
0
COLLECTOR CURRENT IC (A)
Figure 2. VCE - IC
0
0 . 4
0 . 4
0 . 8
0 . 8
1 . 2
1 . 2
1 . 6
1 . 6
2 . 0
0
COLLECTOR CURRENT IC (A)
Figure 3. VCE - IC
IB=5mA
10mA
20mA
30mA
40mA
50mA
COMMON EMITTER
TA=-55
OC
IB=3mA
5mA
10mA
20mA
30mA
40mA
40mA
COMMON EMITTER
TA=100
OC
10
30
100
300
1000
3000
10
30
50
100
300
500
1000
COLLECTOR CURRENT IC (mA)
Figure 4. hFE - IC
TA=100
OC
25
OC
-55
OC
COMMON EMITTER
VCE=2V
10
30
100
300
1000
3000
0.1
0.3
0.5
1
3
5
10
COLLECTOR CURRENT IC (mA)
Figure 6. VBE(sat) - IC
TA=100
OC
25
OC
-55
OC
COMMON EMITTER
IC/IB=20
10
30
100
300
1000
3000
0.01
0.03
0.05
0.1
0.3
0.5
1
COLLECTOR CURRENT IC (mA)
Figure 5. VCE(sat) - IC
TA=100
OC
25
OC
-55
OC
COMMON EMITTER
IC/IB=20


유사한 부품 번호 - 2SC1766PT

제조업체부품명데이터시트상세설명
logo
Shenzhen Jin Yu Semicon...
2SC1766 HTSEMI-2SC1766 Datasheet
378Kb / 1P
   TRANSISTOR(NPN)
logo
WILLAS ELECTRONIC CORP
2SC1766 WILLAS-2SC1766 Datasheet
362Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC1766 DGNJDZ-2SC1766 Datasheet
815Kb / 2P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
GUANGDONG HOTTECH INDUS...
2SC1766 HOTTECH-2SC1766 Datasheet
171Kb / 2P
   Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
2SC1766 BILIN-2SC1766 Datasheet
160Kb / 3P
   NPN Epitaxial Transistor
More results

유사한 설명 - 2SC1766PT

제조업체부품명데이터시트상세설명
logo
Chenmko Enterprise Co. ...
CHTA14ZPT CHENMKO-CHTA14ZPT Datasheet
166Kb / 3P
   NPN Epitaxial Transistor
CH882PT CHENMKO-CH882PT Datasheet
117Kb / 4P
   NPN Epitaxial Transistor
logo
GTM CORPORATION
GS123 GTM-GS123 Datasheet
155Kb / 2P
   NPN EPITAXIAL TRANSISTOR
GSD2656 GTM-GSD2656 Datasheet
137Kb / 2P
   NPN EPITAXIAL TRANSISTOR
GMBT8050L GTM-GMBT8050L Datasheet
226Kb / 2P
   NPN EPITAXIAL TRANSISTOR
GSMBT8050 GTM-GSMBT8050 Datasheet
157Kb / 2P
   NPN EPITAXIAL TRANSISTOR
GSMBT9014 GTM-GSMBT9014 Datasheet
195Kb / 3P
   NPN EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SD882PT CHENMKO-2SD882PT Datasheet
126Kb / 4P
   NPN Epitaxial Transistor
logo
Unisonic Technologies
2SD880 UTC-2SD880_11 Datasheet
154Kb / 4P
   NPN EPITAXIAL TRANSISTOR
TIP122 UTC-TIP122_08 Datasheet
88Kb / 4P
   NPN EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com